Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3817 Datasheet (PDF) - Fujitsu Component Limited.

MB3817 Datasheet PDF - Fujitsu Component Limited.
Part # MB3817
Download  MB3817 Download

File Size   240.86 Kbytes
Page   29 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Switching Regulator Controller

MB3817 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3817 Datasheet PDF - Fujitsu Component Limited.

Part # MB3817
Download  MB3817 Click to download

File Size   240.86 Kbytes
Page   29 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Switching Regulator Controller

MB3817 Datasheet (HTML) - Fujitsu Component Limited.

Back Button MB3817 Datasheet HTML 1Page - Fujitsu Component Limited. MB3817 Datasheet HTML 2Page - Fujitsu Component Limited. MB3817 Datasheet HTML 3Page - Fujitsu Component Limited. MB3817 Datasheet HTML 4Page - Fujitsu Component Limited. MB3817 Datasheet HTML 5Page - Fujitsu Component Limited. MB3817 Datasheet HTML 6Page - Fujitsu Component Limited. MB3817 Datasheet HTML 7Page - Fujitsu Component Limited. MB3817 Datasheet HTML 8Page - Fujitsu Component Limited. MB3817 Datasheet HTML 9Page - Fujitsu Component Limited. MB3817 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

MB3817 Product details

■ DESCRIPTION
The MB3817 is a pulse width modulator (PWM) type switching regulator controller IC designed for low-voltage and high-speed operation. This can be used in applications as down-conversion or down/up-conversion (Zeta method) .
With fewer external components and faster operating speed, the MB3817 enables reduction in power supply unit size, making it ideal for use with internal power supplies in compact, high-performance portable devices.

■ FEATURES
• Wide range of operating power supply voltages : 2.5 V to 18 V
• Built-in high-precision reference voltage generator : 1.5 V ± 2%
• High speed operation is possible : Max 500 kHz
• Wide input voltage range of error amplifier : 0 V to VCC − 0.9 V
• Built-in soft start function
• Built-in timer/latch-actuated short-circuiting protection circuit
• Totem-pole type output with adjustable on/off current (for PNP transistors)
• Built-in standby function
• Small package : SSOP-16P (FPT-16P-M05)




Similar Part No. - MB3817

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3817 FUJITSU-MB3817 Datasheet
235Kb / 28P
   Switching Regulator Controller
MB3817PFV FUJITSU-MB3817PFV Datasheet
235Kb / 28P
   Switching Regulator Controller
MB3817 FUJITSU-MB3817_03 Datasheet
235Kb / 28P
   Switching Regulator Controller
More results


Similar Description - MB3817

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com