Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3825A Datasheet (PDF) - Fujitsu Component Limited.

MB3825A Datasheet PDF - Fujitsu Component Limited.
Part # MB3825A
Download  MB3825A Download

File Size   465.19 Kbytes
Page   39 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 6-ch DC/DC Converter IC With Synchronous Rectifier

MB3825A Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3825A Datasheet PDF - Fujitsu Component Limited.

Part # MB3825A
Download  MB3825A Click to download

File Size   465.19 Kbytes
Page   39 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 6-ch DC/DC Converter IC With Synchronous Rectifier

MB3825A Datasheet (HTML) - Fujitsu Component Limited.

Back Button MB3825A Datasheet HTML 1Page - Fujitsu Component Limited. MB3825A Datasheet HTML 2Page - Fujitsu Component Limited. MB3825A Datasheet HTML 3Page - Fujitsu Component Limited. MB3825A Datasheet HTML 4Page - Fujitsu Component Limited. MB3825A Datasheet HTML 5Page - Fujitsu Component Limited. MB3825A Datasheet HTML 6Page - Fujitsu Component Limited. MB3825A Datasheet HTML 7Page - Fujitsu Component Limited. MB3825A Datasheet HTML 8Page - Fujitsu Component Limited. MB3825A Datasheet HTML 9Page - Fujitsu Component Limited. MB3825A Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

MB3825A Product details

DESCRIPTION
The MB3825A is a pulse width modulation (PWM) type 6-channel DC/DC converter IC with synchronous rectification (2-channels) designed for low voltage, high efficiency operation in high precision and high frequency applications, ideal for down conversion.
The MB3825A is an ideal device offering low power consumption, compact size and light weight for products such as self-contained camcorders and digital still cameras.
This product is covered by US Patent Number 6,147,477.

FEATURES
• Synchronous rectification (channels 1 and 4)
• High efficiency drive with power-on output enhanced by built-in speed-up circuit
• Wide range of operating power supply voltage : 2.5 V to 12 V
• Built-in high-precision reference voltage generator : 1.5 V ± 1%
• Wide operating oscillator frequency range, high frequency capability : 50 kHz to 800 kHz
• Wide input voltage range (all channels) : 0 V to Vcc − 0.9 V
• Error amplifier output for soft-start (channels 1, 2, 4) (All channels may be set for same soft-start time regardless of duty factor setting.)




Similar Part No. - MB3825A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3821PFV FUJITSU-MB3821PFV Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3827 FUJITSU-MB3827 Datasheet
557Kb / 41P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3827PFV FUJITSU-MB3827PFV Datasheet
557Kb / 41P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3828 FUJITSU-MB3828 Datasheet
245Kb / 26P
   Pentium DC/DC Converter IC
More results


Similar Description - MB3825A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
   6 ch DC/DC Converter IC with Synchronous Rectification
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
   2 ch DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A108 FUJITSU-MB39A108_06 Datasheet
525Kb / 45P
   5 ch DC/DC Converter IC with Synchronous Rectification
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
MB39A115 FUJITSU-MB39A115 Datasheet
495Kb / 42P
   5 ch DC/DC Converter IC with Synchronous Rectification
MB3883 FUJITSU-MB3883_02 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3885 FUJITSU-MB3885 Datasheet
239Kb / 29P
   1-channel DC/DC Converter IC with Synchronous Rectifier
logo
Cypress Semiconductor
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
Fujitsu Component Limit...
MB3882 FUJITSU-MB3882 Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com