Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3827 Datasheet (PDF) - Fujitsu Component Limited.

MB3827 Datasheet PDF - Fujitsu Component Limited.
Part # MB3827
Download  MB3827 Download

File Size   557.08 Kbytes
Page   41 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down

MB3827 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3827 Datasheet PDF - Fujitsu Component Limited.

Part # MB3827
Download  MB3827 Click to download

File Size   557.08 Kbytes
Page   41 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down

MB3827 Datasheet (HTML) - Fujitsu Component Limited.

Back Button MB3827 Datasheet HTML 1Page - Fujitsu Component Limited. MB3827 Datasheet HTML 2Page - Fujitsu Component Limited. MB3827 Datasheet HTML 3Page - Fujitsu Component Limited. MB3827 Datasheet HTML 4Page - Fujitsu Component Limited. MB3827 Datasheet HTML 5Page - Fujitsu Component Limited. MB3827 Datasheet HTML 6Page - Fujitsu Component Limited. MB3827 Datasheet HTML 7Page - Fujitsu Component Limited. MB3827 Datasheet HTML 8Page - Fujitsu Component Limited. MB3827 Datasheet HTML 9Page - Fujitsu Component Limited. MB3827 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

MB3827 Product details

■ DESCRIPTION
The MB3827 is a pulse width modulation (PWM) type 6-channel DC/DC converter IC with, synchronous rectification for voltage step-up and step-down. The MB3827 is ideal for low voltage, high efficiency, compact applications and for down conversion and up/down conversion (with two types of voltage step-up/step-down methods allowing input/output relations to be set independently).
In addition the MB3827 features a built-in self-supply power channel (channel 7) providing a wide range of supply voltages, and operates from two dry-cell batteries.
This product is ideal for high performance portable devices such as digital still cameras.

■ FEATURES
• Compatible with step-up/step-down switching methods (channel 1)
• Compatible with step-up/step-down Zeta methods (channels 2 to 6)
• Synchronous rectification (channels 1 and 2)
• Low start-up voltage : 1.8 V (channel 7 for self-power supply)
• Power supply voltage range : 4 V to 13 V (channels 1 to 6)
• Built-in high-precision reference voltage generator : 2.5 V±1%
• Oscillator frequency range : 100 kHz to 800 kHz
• Error amplifier output for soft start (channels 1 to 6)




Similar Part No. - MB3827

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3821PFV FUJITSU-MB3821PFV Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3825 FUJITSU-MB3825 Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB3825A FUJITSU-MB3825A Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB3825APFV FUJITSU-MB3825APFV Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
More results


Similar Description - MB3827

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883 FUJITSU-MB3883_02 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
   6 ch DC/DC Converter IC with Synchronous Rectification
logo
Rohm
BD6068GUT ROHM-BD6068GUT Datasheet
287Kb / 6P
   Synchronous rectification Step-up DC/DC converter for middle phone
BD6072HFN ROHM-BD6072HFN Datasheet
313Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6063HFN ROHM-BD6063HFN Datasheet
214Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6069GUT ROHM-BD6069GUT Datasheet
280Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6071HFN ROHM-BD6071HFN Datasheet
312Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6061GUT ROHM-BD6061GUT Datasheet
214Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com