Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88346B Datasheet (PDF) - Fujitsu Component Limited.

MB88346B Datasheet PDF - Fujitsu Component Limited.
Part # MB88346B
Download  MB88346B Download

File Size   298.56 Kbytes
Page   20 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description R-2R TYPE 8-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS

MB88346B Datasheet (PDF)

Go To PDF Page Download Datasheet
MB88346B Datasheet PDF - Fujitsu Component Limited.

Part # MB88346B
Download  MB88346B Click to download

File Size   298.56 Kbytes
Page   20 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description R-2R TYPE 8-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS

MB88346B Datasheet (HTML) - Fujitsu Component Limited.

Back Button MB88346B Datasheet HTML 1Page - Fujitsu Component Limited. MB88346B Datasheet HTML 2Page - Fujitsu Component Limited. MB88346B Datasheet HTML 3Page - Fujitsu Component Limited. MB88346B Datasheet HTML 4Page - Fujitsu Component Limited. MB88346B Datasheet HTML 5Page - Fujitsu Component Limited. MB88346B Datasheet HTML 6Page - Fujitsu Component Limited. MB88346B Datasheet HTML 7Page - Fujitsu Component Limited. MB88346B Datasheet HTML 8Page - Fujitsu Component Limited. MB88346B Datasheet HTML 9Page - Fujitsu Component Limited. MB88346B Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

MB88346B Product details

■ DESCRIPTION

The MB88346B features 12 channels of 8-bit D/A converters with output amplifier for digital tuning. The output amplifier provides high current drive capability.

As the MB88346B inputs data in serial, it requires only three control lines and can also be cascade-connected with the MB88340 series.

The MB88346B is suitable for electronic volumes and replacement for potentiometers for adjustment, in addition to normal D/A converter applications.



■ FEATURES

• Low power consumption

• Small package

• Integrating 12 channels of R-2R type 8-bit D/A converter

• Built-in analog output amplifier (Max +1.0 mA sink/source current)

• Analog output range : 0 to VCC

• The range of D/A conversion can be independently set by separated the power supply for MCU interface and OP amplifier and the power supply for D/A converter.

• Capable of being controlled directly by a 3-V MCU (input voltage : “H” = 0.5 VCC, “L” = 0.2 VCC)

• Serial data input, 2.5 MHz operation

• CMOS process

• Package lineup : DIP 20-pin, SOP 20-pin, SSOP 20-pin



 




Similar Part No. - MB88346B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88346B FUJITSU-MB88346B Datasheet
207Kb / 17P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
MB88346B FUJITSU-MB88346B Datasheet
189Kb / 18P
   D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
MB88346BP FUJITSU-MB88346BP Datasheet
189Kb / 18P
   D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
MB88346BPF FUJITSU-MB88346BPF Datasheet
189Kb / 18P
   D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
MB88346BPFV FUJITSU-MB88346BPFV Datasheet
189Kb / 18P
   D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
More results


Similar Description - MB88346B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88347 FUJITSU-MB88347 Datasheet
190Kb / 20P
   R-2R TYPE 8-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS
MB88352 FUJITSU-MB88352 Datasheet
484Kb / 19P
   R-2R TYPE 12-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS
MB88351 FUJITSU-MB88351 Datasheet
518Kb / 20P
   R-2R TYPE 12-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS
MB88344 FUJITSU-MB88344 Datasheet
347Kb / 23P
   8-Bit D/A Converter with Operational Amplifier Output Buffers
MB88353 FUJITSU-MB88353 Datasheet
526Kb / 19P
   R-2R Type 12-Bit D/A Converter
logo
Analog Devices
DAC8228 AD-DAC8228 Datasheet
431Kb / 12P
   Dual 8-Bit CMOS D/A Converter with Voltage Output
REV. A
DAC8229 AD-DAC8229 Datasheet
500Kb / 12P
   Dual 8-Bit CMOS D/A Converter with Voltage Output
REV. A
DAC8228 AD-DAC8228_15 Datasheet
435Kb / 12P
   Dual 8 Bit CMOS D/A Converter with Voltage Output
DAC8229 AD-DAC8229_15 Datasheet
504Kb / 12P
   Dual 8 Bit CMOS D/A Converter with Voltage Output
logo
Linear Technology
LTC1329-10 LINER-LTC1329-10 Datasheet
244Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com