Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4002 Datasheet (PDF) - General Semiconductor

1N4002 Datasheet PDF - General Semiconductor
Part # 1N4002
Download  1N4002 Download

File Size   45.28 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description GENERAL PURPOSE PLASTIC RECTIFIER

1N4002 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4002 Datasheet PDF - General Semiconductor

Part # 1N4002
Download  1N4002 Click to download

File Size   45.28 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description GENERAL PURPOSE PLASTIC RECTIFIER

1N4002 Datasheet (HTML) - General Semiconductor

1N4002 Datasheet HTML 1Page - General Semiconductor 1N4002 Datasheet HTML 2Page - General Semiconductor

1N4002 Product details

Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere

FEATURES
♦ The plastic package carries Underwriters Laboratory
   Flammability Classification 94V-0
♦ Construction utilizes void-free molded plastic technique
♦ Low reverse leakage
♦ High forward surge current capability
♦ High temperature soldering guaranteed: 250°C/10 seconds,
   0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension




Similar Part No. - 1N4002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4002 DIODES-1N4002 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
First Components Intern...
1N4002 FCI-1N4002 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
ON Semiconductor
1N4002 ONSEMI-1N4002 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
logo
First Silicon Co., Ltd
1N4002 FS-1N4002 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
More results


Similar Description - 1N4002

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results




About General Semiconductor


General Semiconductor was an American semiconductor company that specialized in the design and manufacture of discrete semiconductor components such as diodes, rectifiers, transistors, and thyristors. The company was founded in 1952 and was headquartered in Melville, New York.

General Semiconductor's products were used in a wide range of applications, including consumer electronics, automotive, industrial, and telecommunications industries. The company's product portfolio included a variety of discrete semiconductor components, such as small signal diodes, power diodes, bridge rectifiers, and transient voltage suppressors (TVS).

In 2001, Vishay Intertechnology, a leading manufacturer of discrete semiconductors and passive electronic components, acquired General Semiconductor in a stock-for-stock transaction valued at approximately $1.6 billion. Following the acquisition, General Semiconductor became a subsidiary of Vishay Intertechnology, and its products and technologies were integrated into Vishay's broad portfolio of electronic components.

Today, Vishay Intertechnology continues to provide a wide range of discrete semiconductor components, leveraging the technologies and expertise gained through the acquisition of General Semiconductor. The company's products are used in various industries, including automotive, computing, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com