Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA060-180-20-10 Datasheet (PDF) - Transcom, Inc.

TA060-180-20-10 Datasheet PDF - Transcom, Inc.
Part # TA060-180-20-10
Download  TA060-180-20-10 Download

File Size   47.39 Kbytes
Page   2 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 6 ~ 18 MHz 10dBm Low Noise Amplifier

TA060-180-20-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA060-180-20-10 Datasheet PDF - Transcom, Inc.

Part # TA060-180-20-10
Download  TA060-180-20-10 Click to download

File Size   47.39 Kbytes
Page   2 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 6 ~ 18 MHz 10dBm Low Noise Amplifier

TA060-180-20-10 Datasheet (HTML) - Transcom, Inc.

TA060-180-20-10 Datasheet HTML 1Page - Transcom, Inc. TA060-180-20-10 Datasheet HTML 2Page - Transcom, Inc.



Similar Part No. - TA060-180-20-10

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA060-180-25-20 TRANSCOM-TA060-180-25-20 Datasheet
63Kb / 2P
   6 ~ 18 GHz 20dBm Low Noise Amplifier
TA060-180-25-24 TRANSCOM-TA060-180-25-24 Datasheet
63Kb / 2P
   6 ~ 18 GHz 24dBm Medium Power Amplifier
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
   6 - 18GHz 20 dBm Amplifier
TA060-180-28-27 TRANSCOM-TA060-180-28-27 Datasheet
63Kb / 2P
   6 ~ 18 GHz 27dBm Medium Power Amplifier
More results


Similar Description - TA060-180-20-10

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA060-180-10-10 TRANSCOM-TA060-180-10-10 Datasheet
63Kb / 2P
   6 ~ 18 GHz 10dB Gain 10dBm Low Noise Amplifier
TA060-120-11-10 TRANSCOM-TA060-120-11-10 Datasheet
72Kb / 2P
   6 ~ 12GHz 10dBm Low Noise Amplifier
TA020-060-11-10 TRANSCOM-TA020-060-11-10 Datasheet
72Kb / 2P
   2 ~ 6GHz 10dBm Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD157 MMIC-CMD157 Datasheet
214Kb / 9P
   6-18 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD328 QORVO-CMD328 Datasheet
935Kb / 11P
   6-18 GHz Low Noise Amplifier
CMD264P3 QORVO-CMD264P3_V01 Datasheet
362Kb / 11P
   6-18 GHz Low Noise Amplifier
November 4, 2021
CMD264P3 QORVO-CMD264P3 Datasheet
256Kb / 10P
   6-18 GHz Low Noise Amplifier
CMD264 QORVO-CMD264 Datasheet
571Kb / 10P
   6-18 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD157P3 MMIC-CMD157P3 Datasheet
282Kb / 10P
   6-18 GHz Low Noise Amplifier
logo
Pasternack Enterprises,...
PE1523 PASTERNACK-PE1523 Datasheet
342Kb / 2P
   Low Noise Amplifier 6 ??18 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com