Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQU20N06L Datasheet (PDF) - Fairchild Semiconductor

FQU20N06L Datasheet PDF - Fairchild Semiconductor
Part # FQU20N06L
Download  FQU20N06L Download

File Size   1298.25 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET MOSFET 60 V, 17.2 A, 42 m

FQU20N06L Datasheet (PDF)

Go To PDF Page Download Datasheet
FQU20N06L Datasheet PDF - Fairchild Semiconductor

Part # FQU20N06L
Download  FQU20N06L Click to download

File Size   1298.25 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET MOSFET 60 V, 17.2 A, 42 m

FQU20N06L Datasheet (HTML) - Fairchild Semiconductor

FQU20N06L Datasheet HTML 1Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 2Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 3Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 4Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 5Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 6Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 7Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 8Page - Fairchild Semiconductor



Similar Part No. - FQU20N06L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU20N06L FAIRCHILD-FQU20N06L Datasheet
664Kb / 9P
   60V LOGIC N-Channel MOSFET
FQU20N06L FAIRCHILD-FQU20N06L Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
logo
Inchange Semiconductor ...
FQU20N06L ISC-FQU20N06L Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQU20N06LE FAIRCHILD-FQU20N06LE Datasheet
656Kb / 9P
   60V LOGIC N-Channel MOSFET
FQU20N06LTU FAIRCHILD-FQU20N06LTU Datasheet
892Kb / 8P
   100% Avalanche Tested
More results


Similar Description - FQU20N06L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
   N-Channel QFET MOSFET 60 V, 20 A, 60 m
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQU13N06TU FAIRCHILD-FQU13N06TU Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
logo
ON Semiconductor
NTMFD5C674NL ONSEMI-NTMFD5C674NL Datasheet
369Kb / 7P
   MOSFET ??Dual, N-Channel 60 V, 14.4 m, 42 A
May, 2019 ??Rev. P3
logo
Fairchild Semiconductor
FQD7P06TF FAIRCHILD-FQD7P06TF Datasheet
543Kb / 8P
   P-Channel QFET MOSFET - 60 V, - 5.4 A, 450 m
logo
ON Semiconductor
NVMFD5C674NL ONSEMI-NVMFD5C674NL Datasheet
372Kb / 7P
   MOSFET ??Power, Dual N-Channel 60 V, 14.4 m, 42 A
December, 2020-Rev. P4
logo
Fairchild Semiconductor
FDMS86520 FAIRCHILD-FDMS86520 Datasheet
258Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 42 A, 7.4 m廓
logo
ON Semiconductor
NVMJD012N06CL ONSEMI-NVMJD012N06CL Datasheet
258Kb / 6P
   MOSFET - Power, Dual N-Channel 60 V, 11.9 m, 42 A
August, 2022 - Rev. 1
logo
Fairchild Semiconductor
FQB11P06TM FAIRCHILD-FQB11P06TM Datasheet
1Mb / 9P
   P-Channel QFET MOSFET -60 V, -11.4 A, 175 m廓
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com