Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L79L05AC Datasheet (PDF) - STMicroelectronics

L79L05AC Datasheet PDF - STMicroelectronics
Part # L79L05AC
Download  L79L05AC Download

File Size   717.29 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Output current up to 100 mA

L79L05AC Datasheet (PDF)

Go To PDF Page Download Datasheet
L79L05AC Datasheet PDF - STMicroelectronics

Part # L79L05AC
Download  L79L05AC Click to download

File Size   717.29 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Output current up to 100 mA

L79L05AC Datasheet (HTML) - STMicroelectronics

Back Button L79L05AC Datasheet HTML 1Page - STMicroelectronics L79L05AC Datasheet HTML 2Page - STMicroelectronics L79L05AC Datasheet HTML 3Page - STMicroelectronics L79L05AC Datasheet HTML 4Page - STMicroelectronics L79L05AC Datasheet HTML 5Page - STMicroelectronics L79L05AC Datasheet HTML 6Page - STMicroelectronics L79L05AC Datasheet HTML 7Page - STMicroelectronics L79L05AC Datasheet HTML 8Page - STMicroelectronics L79L05AC Datasheet HTML 9Page - STMicroelectronics L79L05AC Datasheet HTML 10Page - STMicroelectronics Next Button 

L79L05AC Product details

Description
The L79L series of three-terminal negative regulators employ internal current limiting and thermal shutdown, making them essentially indestructible. If adequate heat-sink is provided, they can deliver up to 100 mA output current.They are intended as fixed voltage regulators in a wide range of applications including local or on-card regulation for elimination of noise and distribution problems associated with single-point regulation. In addition, they can be used with power pass elements to make high-current voltage regulators. The L79L series used as Zener diode/resistor combination replacement, offers an effective output impedance improvement of typically two orders of magnitude, along with lower quiescent current and lower noise.

Features
• Output current up to 100 mA
• Output voltages of -5; -8;-12; -15 V
• Thermal overload protection
• Short-circuit protection
• No external components are required
• Available in ±5% (AC) or ± 10% (C) selection




Similar Part No. - L79L05AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L79L05AC STMICROELECTRONICS-L79L05AC Datasheet
94Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L79L05AC STMICROELECTRONICS-L79L05AC Datasheet
705Kb / 22P
   Negative voltage regulators
L79L05AC STMICROELECTRONICS-L79L05AC Datasheet
701Kb / 22P
   Negative voltage regulators
L79L05AC STMICROELECTRONICS-L79L05AC Datasheet
717Kb / 27P
   Negative voltage regulators
L79L05ACD STMICROELECTRONICS-L79L05ACD Datasheet
94Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
More results


Similar Description - L79L05AC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6182 NSC-LM6182 Datasheet
1Mb / 24P
   Dual 100 mA Output, 100 MHz Current Feedback Amplifier
logo
Power Mate Technology C...
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
   OUTPUT CURRENT UP TO 25A
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
   Output Current up to 1.2A
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CMZFW WALL-CMZFW Datasheet
255Kb / 3P
   Output Current up to 8A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Power Mate Technology C...
HAE75-24S3P3W P-DUKE-HAE75-24S3P3W Datasheet
381Kb / 5P
   OUTPUT CURRENT UP TO 20A
logo
Texas Instruments
REG710-25 TI-REG710-25_15 Datasheet
1Mb / 32P
[Old version datasheet]   REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
TPS62736 TI-TPS62736_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS6273x Programmable Output Voltage Ultra-Low Power Buck Converter With Up to 50 mA / 200 mA Output Current
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com