Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5403-30 Datasheet (PDF) - Hamamatsu Corporation

C5403-30 Datasheet PDF - Hamamatsu Corporation
Part # C5403-30
Download  C5403-30 Download

File Size   104.09 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 1/3-inch CCD Video Camera

C5403-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
C5403-30 Datasheet PDF - Hamamatsu Corporation

Part # C5403-30
Download  C5403-30 Click to download

File Size   104.09 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 1/3-inch CCD Video Camera

C5403-30 Datasheet (HTML) - Hamamatsu Corporation

C5403-30 Datasheet HTML 1Page - Hamamatsu Corporation C5403-30 Datasheet HTML 2Page - Hamamatsu Corporation

C5403-30 Product details

1/3-inch CCD Video Camera

The C5403-30/-31 incorporates a next generation 1/3-inch CCD into a compact B/W camera. Features of this model include high resolution, sensitivity, and S/N ratio. An electronic shutter function enables monitoring of moving objects.

FEATURES
● High Sensitivity
● High S/N Ratio
   C5403-30: 56 dB (EIA)
   C5403-31: 54 dB (CCIR)
● Small Readout Noise
● High Resolution
   C5403-30 : 570(H) × 485(V) TV Line(EIA)
   C5403-31 : 560(H) × 575(V) TV Line(CCIR)
● On-chip Integration
   A dedicated camera control unit enables
   images to be accumulated on the CCD chip
   with improved sensitivity.




Similar Part No. - C5403-30

ManufacturerPart #DatasheetDescription
logo
Powerbox
C540 POWERBOX-C540 Datasheet
405Kb / 1P
   250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Toshiba Semiconductor
C5404 TOSHIBA-C5404 Datasheet
227Kb / 5P
   NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
logo
Hamamatsu Corporation
C5405-50 HAMAMATSU-C5405-50 Datasheet
103Kb / 2P
   1/2-inch CCD Video Camera
C5405-51 HAMAMATSU-C5405-51 Datasheet
103Kb / 2P
   1/2-inch CCD Video Camera
logo
Siemens Semiconductor G...
C540U SIEMENS-C540U Datasheet
427Kb / 65P
   8-Bit CMOS Microcontroller
More results


Similar Description - C5403-30

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5405-50 HAMAMATSU-C5405-50 Datasheet
103Kb / 2P
   1/2-inch CCD Video Camera
C3077 HAMAMATSU-C3077 Datasheet
103Kb / 2P
   2/3-inch CCD Video Camera
C7500-50 HAMAMATSU-C7500-50 Datasheet
109Kb / 2P
   Near Infrared 1/2-inch CCD Video Camera
logo
A1 PROs co., Ltd.
A88_960H32X32 A1PROS-A88_960H32X32 Datasheet
344Kb / 2P
   1/3 inch Color IT- CCD Camera Module
APC78A A1PROS-APC78A Datasheet
247Kb / 2P
   1/3 inch Color IT-CCD Camera Module1A1
A88_960H38X38 A1PROS-A88_960H38X38 Datasheet
92Kb / 2P
   1/3 inch Color IT-CCD Camera Module1A1
APC10 A1PROS-APC10 Datasheet
122Kb / 2P
   1/3 inch Color IT-CCD Camera Module1A1
APC72A A1PROS-APC72A Datasheet
137Kb / 2P
   1/3 inch Color IT-CCD Camera Module1A1
logo
Sony Corporation
ICX058AL SONY-ICX058AL Datasheet
332Kb / 17P
   1/3-inch CCD Image Sensor for EIA Black-and-White Video Camera
logo
Samsung semiconductor
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com