Manufacturer | Part # | Datasheet | Description |
First Components Intern... |
KBPC1500
|
337Kb / 4P |
15Amps Single Phase Silicon Bridge Mounting Position: Any
|
KBPC4000
|
316Kb / 3P |
40 Amps Plastic case Silicon Bridge Rectifiers Mounting Position: Any
|
Micro Commercial Compon... |
W005M
|
310Kb / 3P |
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Any Mounting Position
|
Virginia Panel Corporat... |
310113517
|
58Kb / 1P |
i1 Rcvr Mounting Panel 2U, 8 Position
|
Schneider Electric |
9001KS43K10
|
116Kb / 2P |
30mm Push Button, Type K, keyed selector switch, 3 position, C cam, key withdrawal in any position
Jan 4, 2022 |
Aries Electronics, Inc. |
655000
|
746Kb / 1P |
Designed to allow user to cut 32-position adapter down to any size desired
|
Silicon Laboratories |
SI5347
|
2Mb / 59P |
DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
|
Skyworks Solutions Inc. |
SI5334
|
1Mb / 37P |
PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3 |
ZF Friedrichshafen AG |
MP1013
|
250Kb / 2P |
Hall-effect position sensor with convenient snap-fit mounting
|
Silicon Laboratories |
SI5347
|
948Kb / 55P |
Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
|