Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-4516DA727 Datasheet (PDF) - NEC

MC-4516DA727 Datasheet PDF - NEC
Part # MC-4516DA727
Download  MC-4516DA727 Download

File Size   154.41 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE

MC-4516DA727 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-4516DA727 Datasheet PDF - NEC

Part # MC-4516DA727
Download  MC-4516DA727 Click to download

File Size   154.41 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE

MC-4516DA727 Datasheet (HTML) - NEC

MC-4516DA727 Datasheet HTML 1Page - NEC MC-4516DA727 Datasheet HTML 2Page - NEC MC-4516DA727 Datasheet HTML 3Page - NEC MC-4516DA727 Datasheet HTML 4Page - NEC MC-4516DA727 Datasheet HTML 5Page - NEC MC-4516DA727 Datasheet HTML 6Page - NEC

MC-4516DA727 Product details

Description
The MC-4516DA727 is a 16,777,216 words by 72 bits synchronous dynamic RAM module on which 9 pieces of 128M SDRAM: µPD45128841 are assembled.
These modules provide high density and large quantities of memory in a small space without utilizing the surface mounting technology on the printed circuit board.
Decoupling capacitors are mounted on power supply line for noise reduction.

Features
• 16,777,216 words by 72 bits organization (ECC type)
• Clock frequency and access time from CLK.
• Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge
• Pulsed interface
• Possible to assert random column address in every cycle
• Quad internal banks controlled by BA0 and BA1 (Bank Select)
• Programmable burst-length (1, 2, 4, 8 and Full Page)
• Programmable wrap sequence (Sequential / Interleave)
• Programmable /CAS latency (2, 3)
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• All DQs have 10 Ω ±10 % of series resistor
• Single 3.3 V ±0.3 V power supply
• LVTTL compatible
• 4,096 refresh cycles/64 ms
• Burst termination by Burst Stop command and Precharge command
• 168-pin dual in-line memory module (Pin pitch = 1.27 mm)
• Registered type
• Serial PD




Similar Part No. - MC-4516DA727

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516DA727 ELPIDA-MC-4516DA727 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA727EFA-A75 ELPIDA-MC-4516DA727EFA-A75 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA727PFA-A75 ELPIDA-MC-4516DA727PFA-A75 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA727XFA-A75 ELPIDA-MC-4516DA727XFA-A75 Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Similar Description - MC-4516DA727

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA726 NEC-MC-4516CA726 Datasheet
149Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727 ELPIDA-MC-4516CA727 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4564EC727 NEC-MC-4564EC727 Datasheet
182Kb / 6P
   64M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA727 NEC-MC-4532DA727 Datasheet
149Kb / 6P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com