Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN1532 Datasheet (PDF) - Fairchild Semiconductor

FIN1532 Datasheet PDF - Fairchild Semiconductor
Part # FIN1532
Download  FIN1532 Download

File Size   249.7 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 5V LVDS 4-Bit High Speed Differential Receiver

FIN1532 Datasheet (PDF)

Go To PDF Page Download Datasheet
FIN1532 Datasheet PDF - Fairchild Semiconductor

Part # FIN1532
Download  FIN1532 Click to download

File Size   249.7 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 5V LVDS 4-Bit High Speed Differential Receiver

FIN1532 Datasheet (HTML) - Fairchild Semiconductor

FIN1532 Datasheet HTML 1Page - Fairchild Semiconductor FIN1532 Datasheet HTML 2Page - Fairchild Semiconductor FIN1532 Datasheet HTML 3Page - Fairchild Semiconductor FIN1532 Datasheet HTML 4Page - Fairchild Semiconductor FIN1532 Datasheet HTML 5Page - Fairchild Semiconductor FIN1532 Datasheet HTML 6Page - Fairchild Semiconductor

FIN1532 Product details

General Description
This quad receiver is designed for high speed interconnects utilizing Low Voltage Differential Signaling (LVDS) technology. The receiver translates LVDS levels, with a typical differential input threshold of 100 mV, to LVTTL signal levels. LVDS provides low EMI at ultra low power dissipation even at high frequencies. This device is ideal for high speed transfer of clock and data.
The FIN1532 can be paired with its companion driver, the FIN1531, or any other LVDS driver.
   
Features
■ Greater than 400Mbs data rate
■ 5V power supply operation
■ 0.5 ns maximum differential pulse skew
■ 3 ns maximum propagation delay
■ Low power dissipation
■ Power-Off protection for inputs and outputs
■ Fail safe protection for open-circuit, shorted and
    terminated receiver inputs
■ Meets or exceeds the TIA/EIA-644 LVDS standard
■ Pin compatible with equivalent RS-422
    and PECL devices
■ 16-Lead SOIC and TSSOP packages save space
   




Similar Part No. - FIN1532

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1532 FAIRCHILD-FIN1532 Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532 FAIRCHILD-FIN1532 Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532M FAIRCHILD-FIN1532M Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532M FAIRCHILD-FIN1532M Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532MTC FAIRCHILD-FIN1532MTC Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
More results


Similar Description - FIN1532

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1532MX FAIRCHILD-FIN1532MX Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532 FAIRCHILD-FIN1532 Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1531 FAIRCHILD-FIN1531 Datasheet
206Kb / 6P
   5V LVDS 4-Bit High Speed Differential Driver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
logo
Fairchild Semiconductor
FIN1002 FAIRCHILD-FIN1002 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1002 ONSEMI-FIN1002 Datasheet
977Kb / 11P
   LVDS 1-Bit, High-Speed Differential Receiver
July 2016 Rev. 1.2
logo
Fairchild Semiconductor
FIN1048 FAIRCHILD-FIN1048 Datasheet
249Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MX FAIRCHILD-FIN1048MX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com