Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P006-006 Datasheet (PDF) - Tripp Lite. All Rights Reserved

P006-006 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # P006-006
Download  P006-006 Download

File Size   479.79 Kbytes
Page   4 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Standard Computer Power Cord, 10A, 18AWG

P006-006 Datasheet (PDF)

Go To PDF Page Download Datasheet
P006-006 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # P006-006
Download  P006-006 Click to download

File Size   479.79 Kbytes
Page   4 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Standard Computer Power Cord, 10A, 18AWG

P006-006 Datasheet (HTML) - Tripp Lite. All Rights Reserved

P006-006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P006-006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P006-006 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved P006-006 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved



Similar Part No. - P006-006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P006-006-13LA TRIPPLITE-P006-006-13LA Datasheet
162Kb / 3P
   NEMA 5-15P to Left-Angle IEC-320-C13 Power Extension Cable, Heavy Duty - 10A, 125V, 18 AWG, 6 ft., Black
P006-006-13RA TRIPPLITE-P006-006-13RA Datasheet
163Kb / 3P
   NEMA 5-15P to Right-Angle IEC-320-C13 Power Extension Cable, Heavy Duty - 10A, 125V, 18 AWG, 6 ft., Black
P006-006-2 TRIPPLITE-P006-006-2 Datasheet
491Kb / 2P
   Standard Power Cord Y Splitter Cable (NEMA 5-15P to 2x IEC-320-C13), 6-ft.
P006-006-515MF TRIPPLITE-P006-006-515MF Datasheet
165Kb / 2P
   Piggyback Extension Cord, NEMA 5-15P to 2x C13 - 13A, 125V, 16 AWG, 6 ft., Black
P006-006-HG10 TRIPPLITE-P006-006-HG10 Datasheet
164Kb / 3P
   Hospital-Grade Power Cord, NEMA 5-15P to C13 - Green Dot, 10A, 125V, 18 AWG, 6 ft. (1.83 m), Black
More results


Similar Description - P006-006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P006-003 TRIPPLITE-P006-003 Datasheet
488Kb / 3P
   Standard Computer Power Cord, 10A, 18AWG
P004-002-13RA TRIPPLITE-P004-002-13RA Datasheet
476Kb / 3P
   Standard Computer Power Extension Cord, 10A, 18AWG
P004-006 TRIPPLITE-P004-006 Datasheet
493Kb / 3P
   Standard Computer Power Extension Cord, 10A,18AWG
P004004 TRIPPLITE-P004004 Datasheet
483Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 4-ft
P004015 TRIPPLITE-P004015 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 15-ft
P004006 TRIPPLITE-P004006 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P004003 TRIPPLITE-P004003 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 3-ft
P004-010 TRIPPLITE-P004-010 Datasheet
493Kb / 3P
   Standard Computer Power Extension Cord, 10A 18AWG (IEC-320-C14 to IEC-320-C13) 10-ft
P004001 TRIPPLITE-P004001 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P004008 TRIPPLITE-P004008 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 8-ft
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com