Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB304C Datasheet (PDF) - Hitachi Semiconductor

BB304C Datasheet PDF - Hitachi Semiconductor
Part # BB304C
Download  BB304C Download

File Size   67.88 Kbytes
Page   12 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Build in Biasing Circuit MOS FET IC UHF RF Amplifier

BB304C Datasheet (PDF)

Go To PDF Page Download Datasheet
BB304C Datasheet PDF - Hitachi Semiconductor

Part # BB304C
Download  BB304C Click to download

File Size   67.88 Kbytes
Page   12 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Build in Biasing Circuit MOS FET IC UHF RF Amplifier

BB304C Datasheet (HTML) - Hitachi Semiconductor

Back Button BB304C Datasheet HTML 1Page - Hitachi Semiconductor BB304C Datasheet HTML 2Page - Hitachi Semiconductor BB304C Datasheet HTML 3Page - Hitachi Semiconductor BB304C Datasheet HTML 4Page - Hitachi Semiconductor BB304C Datasheet HTML 5Page - Hitachi Semiconductor BB304C Datasheet HTML 6Page - Hitachi Semiconductor BB304C Datasheet HTML 7Page - Hitachi Semiconductor BB304C Datasheet HTML 8Page - Hitachi Semiconductor BB304C Datasheet HTML 9Page - Hitachi Semiconductor BB304C Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

BB304C Product details

Features
• Build in Biasing Circuit;
   To reduce using parts cost & PC board space.
• High gain;
   (PG = 29 dB typ. at f = 200 MHz)
• Low noise characteristics;
   (NF = 1.2 dB typ. at f = 200 MHz)
• Wide supply voltage range;
   Applicable with 5V to 9V supply voltage.
• Withstanding to ESD;
   Build in ESD absorbing diode.
   Withstand up to 200V at C=200pF, Rs=0 conditions.
• Provide mini mold packages; CMPAK-4(SOT-343mod)




Similar Part No. - BB304C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB304C RENESAS-BB304C Datasheet
217Kb / 10P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB304CDW-TL-E RENESAS-BB304CDW-TL-E Datasheet
217Kb / 10P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
More results


Similar Description - BB304C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB101C HITACHI-BB101C Datasheet
48Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB301C HITACHI-BB301C Datasheet
46Kb / 10P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB102C HITACHI-BB102C Datasheet
62Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101M HITACHI-BB101M Datasheet
48Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB302M HITACHI-BB302M Datasheet
61Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
logo
Renesas Technology Corp
BB505M RENESAS-BB505M Datasheet
187Kb / 9P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
logo
Hitachi Semiconductor
BB102M HITACHI-BB102M Datasheet
64Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB302C HITACHI-BB302C Datasheet
58Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB301M HITACHI-BB301M Datasheet
46Kb / 10P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB601M HITACHI-BB601M Datasheet
67Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com