Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD66130T Datasheet (PDF) - Hitachi Semiconductor

HD66130T Datasheet PDF - Hitachi Semiconductor
Part # HD66130T
Download  HD66130T Download

File Size   64.98 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 320-channel Low-voltage Segment Driver for Dot-Matrix STN Liquid Crystal Display

HD66130T Datasheet (PDF)

Go To PDF Page Download Datasheet
HD66130T Datasheet PDF - Hitachi Semiconductor

Part # HD66130T
Download  HD66130T Click to download

File Size   64.98 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 320-channel Low-voltage Segment Driver for Dot-Matrix STN Liquid Crystal Display

HD66130T Datasheet (HTML) - Hitachi Semiconductor

Back Button HD66130T Datasheet HTML 1Page - Hitachi Semiconductor HD66130T Datasheet HTML 2Page - Hitachi Semiconductor HD66130T Datasheet HTML 3Page - Hitachi Semiconductor HD66130T Datasheet HTML 4Page - Hitachi Semiconductor HD66130T Datasheet HTML 5Page - Hitachi Semiconductor HD66130T Datasheet HTML 6Page - Hitachi Semiconductor HD66130T Datasheet HTML 7Page - Hitachi Semiconductor HD66130T Datasheet HTML 8Page - Hitachi Semiconductor HD66130T Datasheet HTML 9Page - Hitachi Semiconductor HD66130T Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HD66130T Product details

Description The HD66130T is a 320-channel segment driver for driving a dot-matrix STN liquid-crystal panel at a low voltage. The driver can also correspond to 240-channel output by switching mode. It operates at a low voltage: a liquid-crystal drive voltage of 5 V and a logic drive voltage of 3 V, and is used together with common driver HD66131T or HD66135T. The package, which adopts a flexible TCP, can be applied to various liquid crystal panels.

Features
• Display duty: Up to 1/240
• Liquid crystal drive voltage: 2.6 to 5.5 V
• Number of liquid crystal drive circuits: 320 circuits
• Operating voltage: 2.5 to 5.5 V
• Number of data bits: 4 or 8 bits
• Shift clock speed: 8 MHz max/5V
                                6.5 MHz max/3V
• Together with the common drivers
    HD66131T , HD66135T
• Low power consumption
• Switching output mode: 320 output mode
                                         240 output mode
• Display-off function
• Flexible TCP
• Automatic generation of chip-enable signals
• Standby function




Similar Part No. - HD66130T

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66137 HITACHI-HD66137 Datasheet
99Kb / 19P
   High-Voltage Durable 240-Channel Common Driver for Dot-Matrix STN LCD
HD66137T HITACHI-HD66137T Datasheet
99Kb / 19P
   High-Voltage Durable 240-Channel Common Driver for Dot-Matrix STN LCD
More results


Similar Description - HD66130T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL9460-01 ETC2-FEDL9460-01 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
LAPIS Semiconductor Co....
ML9460 LAPIS-ML9460 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
List of Unclassifed Man...
ML9460 ETC2-ML9460 Datasheet
392Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
Sanyo Semicon Device
LC4104C SANYO-LC4104C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com