Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC02 Datasheet (PDF) - Hitachi Semiconductor

HD74HC02 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC02
Download  HD74HC02 Download

File Size   46.02 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. 2-input NOR Gates

HD74HC02 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC02 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC02
Download  HD74HC02 Click to download

File Size   46.02 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. 2-input NOR Gates

HD74HC02 Datasheet (HTML) - Hitachi Semiconductor

HD74HC02 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC02 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC02 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC02 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC02 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC02 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC02 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC02 Datasheet HTML 8Page - Hitachi Semiconductor

HD74HC02 Product details

Features
• High Speed Operation: tpd = 6.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 1 µA max (Ta = 25°C)




Similar Part No. - HD74HC02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC02 RENESAS-HD74HC02 Datasheet
91Kb / 7P
   Quad. 2-input NOR Gates
HD74HC02FPEL RENESAS-HD74HC02FPEL Datasheet
91Kb / 7P
   Quad. 2-input NOR Gates
HD74HC02FPEL RENESAS-HD74HC02FPEL Datasheet
123Kb / 9P
   Quad. 2-input NOR Gates
HD74HC02P RENESAS-HD74HC02P Datasheet
91Kb / 7P
   Quad. 2-input NOR Gates
HD74HC02P RENESAS-HD74HC02P Datasheet
123Kb / 9P
   Quad. 2-input NOR Gates
More results


Similar Description - HD74HC02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM7402 FAIRCHILD-DM7402 Datasheet
33Kb / 3P
   Quad 2-Input NOR Gates
logo
Renesas Technology Corp
RD74LVC02B RENESAS-RD74LVC02B Datasheet
69Kb / 8P
   Quad. 2-input NOR Gates
logo
Hitachi Semiconductor
HD74LV02A HITACHI-HD74LV02A Datasheet
52Kb / 13P
   Quad. 2-input NOR Gates
logo
Renesas Technology Corp
RD74LVC02B RENESAS-RD74LVC02B_15 Datasheet
93Kb / 10P
   Quad. 2-input NOR Gates
logo
National Semiconductor ...
5402 NSC-5402 Datasheet
93Kb / 4P
   Quad 2-Input NOR Gates
54LS02 NSC-54LS02 Datasheet
120Kb / 6P
   Quad 2-Input NOR Gates
logo
Renesas Technology Corp
HD74LV02A RENESAS-HD74LV02A Datasheet
65Kb / 8P
   Quad. 2-input NOR Gates
HD74HC02 RENESAS-HD74HC02 Datasheet
91Kb / 7P
   Quad. 2-input NOR Gates
HD74HC02 RENESAS-HD74HC02_15 Datasheet
123Kb / 9P
   Quad. 2-input NOR Gates
HD74LVC02 RENESAS-HD74LVC02 Datasheet
177Kb / 6P
   Quad. 2-input NOR Gates
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com