Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC14 Datasheet (PDF) - Hitachi Semiconductor

HD74HC14 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC14
Download  HD74HC14 Download

File Size   46.51 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Hex Schmitt-trigger Inverters

HD74HC14 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC14 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC14
Download  HD74HC14 Click to download

File Size   46.51 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Hex Schmitt-trigger Inverters

HD74HC14 Datasheet (HTML) - Hitachi Semiconductor

HD74HC14 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC14 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC14 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC14 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC14 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC14 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC14 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC14 Datasheet HTML 8Page - Hitachi Semiconductor

HD74HC14 Product details

Features
• High Speed Operation: tpd = 10.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 1 µA max (Ta = 25°C)




Similar Part No. - HD74HC14

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC14 RENESAS-HD74HC14 Datasheet
92Kb / 7P
   Hex Inverters
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
   10-to-4-line Priority Encoder
logo
Renesas Technology Corp
HD74HC147 RENESAS-HD74HC147 Datasheet
77Kb / 6P
   10-to-4-line Priority Encoder
HD74HC147FPEL RENESAS-HD74HC147FPEL Datasheet
77Kb / 6P
   10-to-4-line Priority Encoder
HD74HC147P RENESAS-HD74HC147P Datasheet
77Kb / 6P
   10-to-4-line Priority Encoder
More results


Similar Description - HD74HC14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com