Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC283 Datasheet (PDF) - Hitachi Semiconductor

HD74HC283 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC283
Download  HD74HC283 Download

File Size   56.89 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4-bit Binary Full Adder

HD74HC283 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC283 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC283
Download  HD74HC283 Click to download

File Size   56.89 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4-bit Binary Full Adder

HD74HC283 Datasheet (HTML) - Hitachi Semiconductor

HD74HC283 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC283 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC283 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC283 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC283 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC283 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC283 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC283 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC283 Datasheet HTML 9Page - Hitachi Semiconductor HD74HC283 Datasheet HTML 10Page - Hitachi Semiconductor

HD74HC283 Product details

Description
The sun ( ) outputs are provided for each bit and the resultant carry (C4) is obtained from the fourth bit. This adder features full internal look ahead across all four bits. This provides the system designer with partial look-ahead performance at the economy and reduced package count of a ripple-carry implementation. The adder logic, including the carry, is implemented in its true for meaning that the end-around carry can be accomplished without the need for logic or level inversion.

Features
• High Speed Operation: tpd = 19 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC283

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC283 RENESAS-HD74HC283 Datasheet
105Kb / 8P
   4-bit Binary Full Adder
HD74HC283FPEL RENESAS-HD74HC283FPEL Datasheet
105Kb / 8P
   4-bit Binary Full Adder
HD74HC283P RENESAS-HD74HC283P Datasheet
105Kb / 8P
   4-bit Binary Full Adder
HD74HC283RPEL RENESAS-HD74HC283RPEL Datasheet
105Kb / 8P
   4-bit Binary Full Adder
More results


Similar Description - HD74HC283

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
   4 BIT BINARY FULL ADDER
logo
Renesas Technology Corp
HD74LS283 RENESAS-HD74LS283 Datasheet
101Kb / 8P
   4-bit Binary Full Adder
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
   4-BIT BINARY FULL ADDER
logo
NXP Semiconductors
HEF4008B PHILIPS-HEF4008B Datasheet
62Kb / 5P
   4-bit binary full adder
January 1995
logo
Renesas Technology Corp
HD74HC283 RENESAS-HD74HC283 Datasheet
105Kb / 8P
   4-bit Binary Full Adder
logo
Toshiba Semiconductor
TC74HC283AP TOSHIBA-TC74HC283AP_07 Datasheet
399Kb / 10P
   4-Bit Binary Full Adder
logo
STMicroelectronics
M74HC283 STMICROELECTRONICS-M74HC283 Datasheet
1,005Kb / 9P
   4-BIT BINARY FULL ADDER
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com