Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC393 Datasheet (PDF) - Hitachi Semiconductor

HD74HC393 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC393
Download  HD74HC393 Download

File Size   47.47 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual 4-bit Binary Counters

HD74HC393 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC393 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC393
Download  HD74HC393 Click to download

File Size   47.47 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual 4-bit Binary Counters

HD74HC393 Datasheet (HTML) - Hitachi Semiconductor

HD74HC393 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC393 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC393 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC393 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC393 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC393 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC393 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC393 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC393 Datasheet HTML 9Page - Hitachi Semiconductor

HD74HC393 Product details

Description
The HD74HC393 contain two 4-bit ripple carry binary counters, which can be cascaded to create a single divide-by-256 counter.
The HD74HC393 is incremented on the high to low transition (negative edge) of the clock input, and each has an independent clear input. when clear is set high all four bits of each counter are set to a low level. This enables count trucation and allows the implementation of divide-by-N counter configurations.

Features
• High Speed Operation: tpd (A to QA) = 16 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC393

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
HD74HC393FPEL RENESAS-HD74HC393FPEL Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
HD74HC393FPEL RENESAS-HD74HC393FPEL Datasheet
109Kb / 9P
   Dual 4-bit Binary Counters
HD74HC393P RENESAS-HD74HC393P Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
HD74HC393P RENESAS-HD74HC393P Datasheet
109Kb / 9P
   Dual 4-bit Binary Counters
More results


Similar Description - HD74HC393

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC393 RENESAS-HD74HC393_15 Datasheet
109Kb / 9P
   Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
logo
Hitachi Semiconductor
HD74LV393A HITACHI-HD74LV393A Datasheet
64Kb / 15P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54HC393 TI-SN54HC393 Datasheet
542Kb / 17P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
SN54LV393A TI-SN54LV393A Datasheet
367Kb / 14P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
SN54HC393 TI-SN54HC393_07 Datasheet
612Kb / 21P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LV393A RENESAS-HD74LV393A Datasheet
85Kb / 11P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV393A TI-SN54LV393A_07 Datasheet
525Kb / 18P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LS393 RENESAS-HD74LS393 Datasheet
69Kb / 7P
   Dual 4-bit Binary Counters
HD74LV393A RENESAS-HD74LV393A_15 Datasheet
110Kb / 13P
   Dual 4-bit Binary Counters
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com