Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3941FP Datasheet (PDF) - Rohm

BD3941FP Datasheet PDF - Rohm
Part # BD3941FP
Download  BD3941FP Download

File Size   669.06 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Management LSI Series for Automotive Body Control

BD3941FP Datasheet (PDF)

Go To PDF Page Download Datasheet
BD3941FP Datasheet PDF - Rohm

Part # BD3941FP
Download  BD3941FP Click to download

File Size   669.06 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Management LSI Series for Automotive Body Control

BD3941FP Datasheet (HTML) - Rohm

BD3941FP Datasheet HTML 1Page - Rohm BD3941FP Datasheet HTML 2Page - Rohm BD3941FP Datasheet HTML 3Page - Rohm BD3941FP Datasheet HTML 4Page - Rohm BD3941FP Datasheet HTML 5Page - Rohm BD3941FP Datasheet HTML 6Page - Rohm BD3941FP Datasheet HTML 7Page - Rohm BD3941FP Datasheet HTML 8Page - Rohm BD3941FP Datasheet HTML 9Page - Rohm

BD3941FP Product details

LDO Regulator

Description
BD394□FP Series regulators feature a high 36 V breakdown voltage and are compatible with onboard vehicle microcontrollers. They offer an output current of 500 mA while limiting dark current to 30 µA (TYP). The series supports the use of ceramic capacitors as output phase
compensation capacitors. Since the ICs use P-channel DMOS output transistors, increased loads do not result in increased total supply current. BD394□FP Series is ideal for lowering current consumption and costs in battery direct-coupled systems.

Features
1)  Super-low dark current: 30 µA (Typ.)
2)  Low-saturation voltage type P-channel DMOS output transistors
    Output on resistance: 1.6 Ω(Typ.)
3)  High precision output voltage: 5 V ±2% (Ta = 25°C) / Iomax = 500 mA
4)  Low-ESR ceramic capacitors can be used as output capacitors
5)  Vcc power supply voltage = 36 V / Peak power supply voltage = 50 V (tr ≥1 ms, tH ≤200 ms)
6)  Built-in over current protection circuit and thermal shutdown circuit
7) TO252-3/HRP-5/TO220FP-3 package

Applications
Vehicle equipment, car stereos, satellite navigation systems, etc.




Similar Part No. - BD3941FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3941FP ROHM-BD3941FP Datasheet
336Kb / 6P
   Reference Voltage Regulator
BD3941FP ROHM-BD3941FP Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
More results


Similar Description - BD3941FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3941HFP-TR ROHM-BD3941HFP-TR Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
BD6941FM ROHM-BD6941FM_09 Datasheet
327Kb / 9P
   Power Management IC Series for Automotive Body Control Motor Driver
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
BD7185AGWL ROHM-BD7185AGWL Datasheet
1Mb / 79P
   Power Management LSI
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
   Power management LSI for mobile phone
BH6056GU ROHM-BH6056GU Datasheet
354Kb / 6P
   Power management LSI for mobile phone
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
   Power Management LSI for Mobile Phone
BH6054GU ROHM-BH6054GU Datasheet
394Kb / 6P
   Power management LSI for mobile phone
BH6176GU ROHM-BH6176GU_11 Datasheet
177Kb / 5P
   Silicon Monolithic Integrated Circuit Power Management LSI for MultiMedia LSI on Cellular
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
   Automotive engine management control IC for small engines
November 2020 Rev 5
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com