Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSTU6800WM Datasheet (PDF) - Fairchild Semiconductor

FSTU6800WM Datasheet PDF - Fairchild Semiconductor
Part # FSTU6800WM
Download  FSTU6800WM Download

File Size   192.2 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection

FSTU6800WM Datasheet (PDF)

Go To PDF Page Download Datasheet
FSTU6800WM Datasheet PDF - Fairchild Semiconductor

Part # FSTU6800WM
Download  FSTU6800WM Click to download

File Size   192.2 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection

FSTU6800WM Datasheet (HTML) - Fairchild Semiconductor

FSTU6800WM Datasheet HTML 1Page - Fairchild Semiconductor FSTU6800WM Datasheet HTML 2Page - Fairchild Semiconductor FSTU6800WM Datasheet HTML 3Page - Fairchild Semiconductor FSTU6800WM Datasheet HTML 4Page - Fairchild Semiconductor FSTU6800WM Datasheet HTML 5Page - Fairchild Semiconductor

FSTU6800WM Product details

General Description
The Fairchild Switch FSTU6800 provides 10-bits of high speed CMOS TTL-compatible bus switching. The low on resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise. Both the A Ports and the B Ports have “undershoot hardened” circuit protection to support an extended input range to 2.0V below ground. Fairchild’s integrated Undershoot Hardened Circuit (UHC®) senses undershoot at the I/Os, and responds by preventing voltage differentials from developing and turning on the switch. The device also precharges the B Port to a selectable bias voltage (BiasV) to minimize live insertion noise.

Features
■ 4Ω switch connection between two ports.
■ Undershoot Hardened to -2.0V.
■ Soft enable turn-on to minimize bus-to-bus charge sharing during enable.
■ Low lCC.
■ Zero bounce in flow-through mode.
■ Output precharge to minimize live insertion noise.
■ Control inputs compatible with TTL level.
■ See Applications Note AN-5008 for details.




Similar Part No. - FSTU6800WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU6800WM FAIRCHILD-FSTU6800WM Datasheet
181Kb / 5P
   10-Bit Bus Switch with Pre-Charged Outputs and −2V Undershoot Hardened Circuit (UHC) Protection
FSTU6800WM FAIRCHILD-FSTU6800WM Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
More results


Similar Description - FSTU6800WM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Fairchild Semiconductor
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
   10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
logo
Texas Instruments
SN74CBTK6800 TI1-SN74CBTK6800 Datasheet
693Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Texas Instruments
SN74CBT6800C TI1-SN74CBT6800C Datasheet
816Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS WITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16811C TI-SN74CBT16811C Datasheet
187Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16800C TI1-SN74CBT16800C Datasheet
498Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT6845C TI-SN74CBT6845C Datasheet
679Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com