Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NES2427P-60 Datasheet (PDF) - NEC

NES2427P-60 Datasheet PDF - NEC
Part # NES2427P-60
Download  NES2427P-60 Download

File Size   44.48 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 60 W S-BAND PUSH-PULL POWER GaAs MES FET

NES2427P-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
NES2427P-60 Datasheet PDF - NEC

Part # NES2427P-60
Download  NES2427P-60 Click to download

File Size   44.48 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 60 W S-BAND PUSH-PULL POWER GaAs MES FET

NES2427P-60 Datasheet (HTML) - NEC

NES2427P-60 Datasheet HTML 1Page - NEC NES2427P-60 Datasheet HTML 2Page - NEC NES2427P-60 Datasheet HTML 3Page - NEC NES2427P-60 Datasheet HTML 4Page - NEC NES2427P-60 Datasheet HTML 5Page - NEC NES2427P-60 Datasheet HTML 6Page - NEC NES2427P-60 Datasheet HTML 7Page - NEC NES2427P-60 Datasheet HTML 8Page - NEC

NES2427P-60 Product details

DESCRIPTION
The NES2427P-60 is a 60 W push-pull type GaAs MES FET designed for high power transmitter applications for MMDS, WLL repeater and base station systems. It is capable of delivering 60 W of output power (CW) with high linear gain, high efficiency and excellent distortion. Its primary band is 2.4 to 2.7 GHz. The device employs 0.9 µm Tungsten Silicide gates, via holes, plated heat sink, and silicon dioxide passivation for superior performance, thermal characteristics, and reliability.
Reliability and performance uniformity are assured by NEC’s stringent quality and control procedures.

FEATURES
• Push-pull type N-channel GaAs MES FET
• VDS = 10.0 V operation
• High output power: PO (1 dB) = 60 W TYP.
• High linear gain: GL = 12.0 dB TYP.
• High power added efficiency: ηadd = 35 % TYP. @ VDS = 10.0 V, IDset = 12.0 A (total), f = 2.50, 2.70 GHz




Similar Part No. - NES2427P-60

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
logo
NEC
NES2427P-45 NEC-NES2427P-45 Datasheet
46Kb / 8P
   45 W S-BAND PUSH-PULL POWER GaAs MES FET
logo
Renesas Technology Corp
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
More results


Similar Description - NES2427P-60

ManufacturerPart #DatasheetDescription
logo
NEC
NES2427P-45 NEC-NES2427P-45 Datasheet
46Kb / 8P
   45 W S-BAND PUSH-PULL POWER GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NES1823P-140 NEC-NES1823P-140 Datasheet
47Kb / 8P
   140 W L, S-BAND PUSH-PULL POWER GaAs MES FET
NES1823P-45 NEC-NES1823P-45 Datasheet
47Kb / 8P
   45 W L, S-BAND PUSH-PULL POWER GaAs MES FET
NES1823P-30 NEC-NES1823P-30 Datasheet
51Kb / 8P
   30 W L-S BAND PUSH-PULL POWER GaAs MES FET
NES1823P-50 NEC-NES1823P-50 Datasheet
44Kb / 8P
   50 W L-BAND PUSH-PULL POWER GaAs MES FET
logo
Renesas Technology Corp
NES1823M-180 RENESAS-NES1823M-180 Datasheet
287Kb / 13P
   GaAs FET 180 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
NES1823M-45 RENESAS-NES1823M-45 Datasheet
200Kb / 8P
   GaAs FET 45 W L, S-BAND PUSH-PULL POWER GaAs FET
2003
NES1823M-240 RENESAS-NES1823M-240 Datasheet
299Kb / 13P
   GaAs FET 240 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com