Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV273A Datasheet (PDF) - Hitachi Semiconductor

HD74LV273A Datasheet PDF - Hitachi Semiconductor
Part # HD74LV273A
Download  HD74LV273A Download

File Size   65.79 Kbytes
Page   15 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Octal D-type Flip-Flops with Clear

HD74LV273A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LV273A Datasheet PDF - Hitachi Semiconductor

Part # HD74LV273A
Download  HD74LV273A Click to download

File Size   65.79 Kbytes
Page   15 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Octal D-type Flip-Flops with Clear

HD74LV273A Datasheet (HTML) - Hitachi Semiconductor

Back Button HD74LV273A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV273A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV273A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV273A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV273A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV273A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV273A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV273A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV273A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV273A Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HD74LV273A Product details

Description
The HD74LV273A has eight edge trigger D-type flip-flops with clear in a 20-pin package. Data on the D input having the specified setup and hold times is transferred to the Q output on the low to high transition of the clock input. The clear input when low, sets all outputs to a low state. Low-voltage and high-speed operation is suitable for battery-powered products (e.g., notebook computers), and the low-power consumption extends the battery life.

Features
• VCC = 2.0 V to 5.5 V operation
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@VCC = 3.0 V to 3.6 V), ±16 mA (@VCC = 4.5 V to 5.5 V)




Similar Part No. - HD74LV273A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV273A RENESAS-HD74LV273A Datasheet
81Kb / 10P
   Octal D-type Flip-Flops with Clear
HD74LV273AFPEL RENESAS-HD74LV273AFPEL Datasheet
81Kb / 10P
   Octal D-type Flip-Flops with Clear
HD74LV273AFPEL RENESAS-HD74LV273AFPEL Datasheet
105Kb / 12P
   Octal D-type Flip-Flops with Clear
HD74LV273ARPEL RENESAS-HD74LV273ARPEL Datasheet
81Kb / 10P
   Octal D-type Flip-Flops with Clear
HD74LV273ARPEL RENESAS-HD74LV273ARPEL Datasheet
105Kb / 12P
   Octal D-type Flip-Flops with Clear
More results


Similar Description - HD74LV273A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com