Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV4040A Datasheet (PDF) - Hitachi Semiconductor

HD74LV4040A Datasheet PDF - Hitachi Semiconductor
Part # HD74LV4040A
Download  HD74LV4040A Download

File Size   95.44 Kbytes
Page   17 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 12-stage Binary Counter

HD74LV4040A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LV4040A Datasheet PDF - Hitachi Semiconductor

Part # HD74LV4040A
Download  HD74LV4040A Click to download

File Size   95.44 Kbytes
Page   17 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 12-stage Binary Counter

HD74LV4040A Datasheet (HTML) - Hitachi Semiconductor

Back Button HD74LV4040A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HD74LV4040A Product details

Description
The HD74LV4040A is a 12 stage counter. This device is incremented on the falling edge (negative transition) of the input clock, and all its output is reset to a low level by applying a logical high on its reset input. Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook computers), and the low-power consumption extends the battery life.

Features
• VCC = 2.0 V to 5.5 V operation
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@VCC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)




Similar Part No. - HD74LV4040A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV4040A RENESAS-HD74LV4040A Datasheet
185Kb / 11P
   12-stage Binary Counter
HD74LV4040AFPEL RENESAS-HD74LV4040AFPEL Datasheet
185Kb / 11P
   12-stage Binary Counter
HD74LV4040AFPEL RENESAS-HD74LV4040AFPEL Datasheet
205Kb / 13P
   12-stage Binary Counter
HD74LV4040ARPEL RENESAS-HD74LV4040ARPEL Datasheet
185Kb / 11P
   12-stage Binary Counter
HD74LV4040ARPEL RENESAS-HD74LV4040ARPEL Datasheet
205Kb / 13P
   12-stage Binary Counter
More results


Similar Description - HD74LV4040A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
356Kb / 11P
   12 STAGE BINARY COUNTER
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4040 HITACHI-HD74HC4040 Datasheet
54Kb / 9P
   12-stage Binary Counter
logo
Renesas Technology Corp
HD74LV4040A RENESAS-HD74LV4040A Datasheet
185Kb / 11P
   12-stage Binary Counter
HD74HC4040 RENESAS-HD74HC4040_15 Datasheet
113Kb / 9P
   12-stage Binary Counter
HD74LV4040A RENESAS-HD74LV4040A_15 Datasheet
205Kb / 13P
   12-stage Binary Counter
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
67Kb / 7P
   12-Stage Binary Counter
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com