Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1620 Datasheet (PDF) - Holtek Semiconductor Inc

HT1620 Datasheet PDF - Holtek Semiconductor Inc
Part # HT1620
Download  HT1620 Download

File Size   180.97 Kbytes
Page   17 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description RAM Mapping 32x4 LCD Controller for I/O C

HT1620 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT1620 Datasheet PDF - Holtek Semiconductor Inc

Part # HT1620
Download  HT1620 Click to download

File Size   180.97 Kbytes
Page   17 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description RAM Mapping 32x4 LCD Controller for I/O C

HT1620 Datasheet (HTML) - Holtek Semiconductor Inc

Back Button HT1620 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button 

HT1620 Product details

General Description

The HT1621 is a 128 pattern (324), memory mapping, and multi-function LCD driver. The S/W configuration

feature of the HT1621 makes it suitable for multiple LCD applications including LCD modules and display sub

systems. Only three or four lines are required for the in terface between the host controller and the HT1621.

The HT1621 contains a power down command to reduce power consumption.



Features

Operating voltage: 2.4V~5.2V

Built-in 256kHz RC oscillator

External 32.768kHz crystal or 256kHz frequency source input

Selection of 1/2or1/3 bias, and selection of 1/2 or 1/3 or 1/4 duty LCD applications

Internal time base frequency sources

Two selectable buzzer frequencies (2kHz/4kHz)

Power down command reduces power consumption

Built-in time base generator and WDT

Time base or WDT overflow output

8 kinds of time base/WDT clock sources

324 LCD driver

Built-in 324 bit display RAM

3-wire serial interface

Internal LCD driving frequency source

Software configuration feature

Data mode and command mode instructions

R/W address auto increment

Three data accessing modes

VLCD pin for adjusting LCD operating voltage

HT1621: 44-pin QFP/LQFP package

HT1621B: 48-pin SSOP/LQFP packages

HT1621G: Gold bumped chip




Similar Part No. - HT1620

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620 Datasheet
156Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620 Datasheet
135Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1620G HOLTEK-HT1620G_11 Datasheet
146Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_09 Datasheet
135Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
More results


Similar Description - HT1620

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1621 HOLTEK-HT1621 Datasheet
167Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O C
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_05 Datasheet
196Kb / 19P
   RAM Mapping 32x4 LCD Controller for I/O MCU
logo
ARTSCHIP ELECTRONICS CO...
HT1621 ARTSCHIP-HT1621 Datasheet
347Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
logo
Holtek Semiconductor In...
HT1627 HOLTEK-HT1627 Datasheet
151Kb / 17P
   RAM Mapping 64x16 LCD Controller for I/O C
HT1626 HOLTEK-HT1626 Datasheet
152Kb / 17P
   RAM Mapping 48x16 LCD Controller for I/O C
HT16220 HOLTEK-HT16220 Datasheet
148Kb / 17P
   RAM Mapping 32x8 LCD Controller for I/O C
HT1623 HOLTEK-HT1623 Datasheet
155Kb / 18P
   RAM Mapping 48x8 LCD Controller for I/O C
HT1625 HOLTEK-HT1625 Datasheet
153Kb / 17P
   RAM Mapping 64x 8 LCD Controller for I/O C
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com