Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-31625 Datasheet (PDF) - Agilent(Hewlett-Packard)

AT-31625 Datasheet PDF - Agilent(Hewlett-Packard)
Part # AT-31625
Download  AT-31625 Download

File Size   117.38 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 4.8 V NPN Common Emitter Medium Power Output Transistor

AT-31625 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-31625 Datasheet PDF - Agilent(Hewlett-Packard)

Part # AT-31625
Download  AT-31625 Click to download

File Size   117.38 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 4.8 V NPN Common Emitter Medium Power Output Transistor

AT-31625 Datasheet (HTML) - Agilent(Hewlett-Packard)

AT-31625 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT-31625 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-31625 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-31625 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT-31625 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT-31625 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT-31625 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT-31625 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT-31625 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AT-31625 Datasheet HTML 10Page - Agilent(Hewlett-Packard)

AT-31625 Product details

Description
Hewlett Packard’s AT-31625 is a low cost, NPN medium power silicon bipolar junction transistor housed in a miniature, MSOP-3 surface mount plastic package. The AT-31625 can be used as a driver device or an output device, depending on the specific application. The AT-31625 features +28␣ dBm CW output power when operated at 4.8 volts. Excellent gain and superior efficiency make the AT-31625 ideal for use in battery powered systems.

Features
• 4.8 Volt Operation
• +28.0 dBm Pout @ 900 MHz, Typ.
• 70% Collector Efficiency @␣ 900 MHz, Typ.
• 9 dB Power Gain @ 900 MHz, Typ.
• -31 dBc IMD3 @ Pout of 21␣ dBm per Tone, 900␣ MHz, Typ.
• 50% Smaller than SOT-223 Package

Applications
• Medium Power Driver Device for Cellular/PCS, ISM 900, WLAN
• Output Power Device for ISM 900, Cordless, WLAN




Similar Part No. - AT-31625

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-310 HIROSE-AT-310 Datasheet
64Kb / 3P
   Fixed Attenuators (SMA Type)
logo
Agilent(Hewlett-Packard...
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-31011 AVAGO-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-31011-BLK HP-AT-31011-BLK Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
More results


Similar Description - AT-31625

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-38086 HP-AT-38086 Datasheet
130Kb / 10P
   4.8 V NPN Silicon Bipolar Common Emitter Transistor
AT-33225 HP-AT-33225 Datasheet
118Kb / 10P
   4.8 V NPN Common Emitter Output Power Transistor for AMPS, ETACS Phones
AT-36408 HP-AT-36408 Datasheet
104Kb / 8P
   4.8 V NPN Common Emitter Output Power Transistor for GSM Class IV Phones
logo
NXP Semiconductors
PSS8050 PHILIPS-PSS8050 Datasheet
104Kb / 10P
   NPN medium power 25 V transistor
2004 Aug 10
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
   NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
   NPN medium power transistor
1999 Apr 08
logo
Rohm
UMT4401 ROHM-UMT4401 Datasheet
80Kb / 3P
   NPN Medium Power Transistor
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
   NPN Medium Power Transistor
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
117Kb / 8P
   NPN medium power transistor
logo
Diodes Incorporated
BC56-16PA DIODES-BC56-16PA Datasheet
376Kb / 7P
   NPN MEDIUM POWER TRANSISTOR
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com