Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-36163 Datasheet (PDF) - Agilent(Hewlett-Packard)

ATF-36163 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ATF-36163
Download  ATF-36163 Download

File Size   96.12 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1.5-18 GHz Surface Mount Pseudomorphic HEMT

ATF-36163 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-36163 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ATF-36163
Download  ATF-36163 Click to download

File Size   96.12 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1.5-18 GHz Surface Mount Pseudomorphic HEMT

ATF-36163 Datasheet (HTML) - Agilent(Hewlett-Packard)

ATF-36163 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF-36163 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-36163 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF-36163 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-36163 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-36163 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-36163 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-36163 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-36163 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF-36163 Datasheet HTML 10Page - Agilent(Hewlett-Packard)

ATF-36163 Product details

Description

The Hewlett-Packard ATF-36163 is a low-noise Pseudomorphic High Electron Mobility Transistor (PHEMT), in the SOT-363 (SC-70) package. When optimally matched for minimum noise figure, it will provide a noise figure of 1 dB at 12 GHz and 0.6␣ dB at 4 GHz.



Features

• Low Minimum Noise Figure:

1 dB Typical at 12 GHz

0.6 dB Typical at 4 GHz

• Associated Gain:

9.4 dB Typical at 12 GHz

15.8 dB Typical at 4 GHz

• Maximum Available Gain:

11 dB Typical at 12 GHz

17 dB Typical at 4 GHz

• Low Cost Surface Mount Small Plastic Package

• Tape-and-Reel Packaging Option Available



Applications

• 12 GHz DBS Downconverters

• 4 GHz TVRO Downconverters

• S or L Band Low Noise Amplifiers




Similar Part No. - ATF-36163

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-36163 AVAGO-ATF-36163 Datasheet
177Kb / 10P
   1.5-18 GHz Surface Mount Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-36163 BOARDCOM-ATF-36163 Datasheet
192Kb / 10P
   1.5??8 GHz Surface Mount Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-36163-BLKG AVAGO-ATF-36163-BLKG Datasheet
177Kb / 10P
   1.5-18 GHz Surface Mount Pseudomorphic HEMT
ATF-36163-TR1G AVAGO-ATF-36163-TR1G Datasheet
177Kb / 10P
   1.5-18 GHz Surface Mount Pseudomorphic HEMT
ATF-36163-TR2G AVAGO-ATF-36163-TR2G Datasheet
177Kb / 10P
   1.5-18 GHz Surface Mount Pseudomorphic HEMT
More results


Similar Description - ATF-36163

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-36163 AVAGO-ATF-36163 Datasheet
177Kb / 10P
   1.5-18 GHz Surface Mount Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-36163 BOARDCOM-ATF-36163 Datasheet
192Kb / 10P
   1.5??8 GHz Surface Mount Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-36163 AVAGO-ATF-36163_15 Datasheet
192Kb / 10P
   1.5??8 GHz Surface Mount Pseudomorphic HEMT
logo
Broadcom Corporation.
DEMO-ATF3616-3 BOARDCOM-DEMO-ATF3616-3 Datasheet
192Kb / 10P
   1.5??8 GHz Surface Mount Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF35076 HP-ATF35076 Datasheet
1Mb / 3P
   2-18 GHz Low Noise Pseudomorphic HEMT
ATF-36077 HP-ATF-36077 Datasheet
47Kb / 4P
   2-18 GHz Ultra Low Noise Pseudomorphic HEMT
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF34143 HP-ATF34143 Datasheet
154Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com