Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-46171 Datasheet (PDF) - Agilent(Hewlett-Packard)

ATF-46171 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ATF-46171
Download  ATF-46171 Download

File Size   43.94 Kbytes
Page   3 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 2-10 GHz Medium Power Gallium Arsenide FET

ATF-46171 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-46171 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ATF-46171
Download  ATF-46171 Click to download

File Size   43.94 Kbytes
Page   3 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 2-10 GHz Medium Power Gallium Arsenide FET

ATF-46171 Datasheet (HTML) - Agilent(Hewlett-Packard)

ATF-46171 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF-46171 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-46171 Datasheet HTML 3Page - Agilent(Hewlett-Packard)

ATF-46171 Product details

Description
The ATF-46171 is a gallium arsenide Schottky-barrier-gate field effect transistor designed for medium power, linear amplification in the 2 to 10 GHz frequency range. This nominally 0.5 micron gate length GaAs FET is an interdigitated four-cell structure using airbridge interconnects between drain fingers. Total gate periphery is 1.25 millimeters. Proven gold based metallization systems and nitride passivation assure a rugged, reliable device.

Features
• High Output Power: 27.0 dBm Typical P 1 dB at 4 GHz
• High Gain at 1 dB Compression: 11.0 dB Typical G 1 dBat 4 GHz
• High Power Efficiency: 38% Typical at 4 GHz
• Hermetic Metal-Ceramic Stripline Package




Similar Part No. - ATF-46171

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-46101 HP-ATF-46101 Datasheet
44Kb / 3P
   2-10 GHz Medium Power Gallium Arsenide FET
More results


Similar Description - ATF-46171

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-46101 HP-ATF-46101 Datasheet
44Kb / 3P
   2-10 GHz Medium Power Gallium Arsenide FET
ATF-45101 HP-ATF-45101 Datasheet
44Kb / 3P
   2-8 GHz Medium Power Gallium Arsenide FET
ATF-45171 HP-ATF-45171 Datasheet
43Kb / 3P
   2-8 GHz Medium Power Gallium Arsenide FET
ATF-44101 HP-ATF-44101 Datasheet
65Kb / 3P
   2-8 GHz Medium Power Gallium Arsenide FET
ATF-25170 HP-ATF-25170 Datasheet
44Kb / 3P
   0.5-10 GHz Low Noise Gallium Arsenide FET
ATF-25570 HP-ATF-25570 Datasheet
44Kb / 3P
   0.5-10 GHz General Purpose Gallium Arsenide FET
ATF-13100 HP-ATF-13100 Datasheet
43Kb / 3P
   2-18 GHz Low Noise Gallium Arsenide FET
ATF-26836 HP-ATF-26836 Datasheet
47Kb / 4P
   2-16 GHz General Purpose Gallium Arsenide FET
ATF-25735 HP-ATF-25735 Datasheet
46Kb / 4P
   0.5-10 GHz General Purpose Gallium Arsenide FET
ATF-13336 HP-ATF-13336 Datasheet
46Kb / 3P
   2-16 GHz Low Noise Gallium Arsenide FET
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com