Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL2400 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL2400 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL2400
Download  HCPL2400 Download

File Size   285.2 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 20 MBd High CMR Logic Gate Optocouplers

HCPL2400 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL2400 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL2400
Download  HCPL2400 Click to download

File Size   285.2 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 20 MBd High CMR Logic Gate Optocouplers

HCPL2400 Datasheet (HTML) - Agilent(Hewlett-Packard)

Back Button HCPL2400 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button 

HCPL2400 Product details

Description

The HCPL-2400 and HCPL-2430 high speed optocouplers combine an 820 nm AlGaAs light emitting diode with a high speed photodetector. This combination results in very high data rate

capability and low input current. The totem pole output (HCPL-2430) or three state output (HCPL-2400) eliminates the need for a pull up resistor and allows for direct drive of data buses.



Features

• High Speed: 40 MBd Typical Data Rate

• High Common Mode Rejection: HCPL-2400: 10 kV/µs at VCM = 300 V (Typical)

• AC Performance Guaranteed over Temperature

• High Speed AlGaAs Emitter

• Compatible with TTL, STTL,LSTTL, and HCMOS Logic Families

• Totem Pole and Tri State Output (No Pull Up Resistor Required)




Similar Part No. - HCPL2400

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL2232 HP-HCPL2232 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL2300 HP-HCPL2300 Datasheet
269Kb / 12P
   8 MBd Low Input Current Optocoupler
HCPL2502 HP-HCPL2502 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
List of Unclassifed Man...
HCPL2502 ETC1-HCPL2502 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
More results


Similar Description - HCPL2400

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCNW2211-500E AVAGO-HCNW2211-500E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2211-300 AVAGO-HCPL-2211-300 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2201 HP-HCPL-2201 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0201-000E AVAGO-HCPL-0201-000E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201-560E AVAGO-HCPL-2201-560E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231-300E AVAGO-HCPL-2231-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com