Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA-12063 Datasheet (PDF) - Agilent(Hewlett-Packard)

INA-12063 Datasheet PDF - Agilent(Hewlett-Packard)
Part # INA-12063
Download  INA-12063 Download

File Size   351.86 Kbytes
Page   24 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1.5 GHz Low Noise Self-Biased Transistor Amplifier

INA-12063 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA-12063 Datasheet PDF - Agilent(Hewlett-Packard)

Part # INA-12063
Download  INA-12063 Click to download

File Size   351.86 Kbytes
Page   24 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1.5 GHz Low Noise Self-Biased Transistor Amplifier

INA-12063 Datasheet (HTML) - Agilent(Hewlett-Packard)

Back Button INA-12063 Datasheet HTML 1Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 2Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 3Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 4Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 5Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 6Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 7Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 8Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 9Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button 

INA-12063 Product details

Description
Hewlett-Packard’s INA-12063 is a Silicon monolithic self-biased transistor amplifier that offers excellent gain and noise figure for applications to 1.5 GHz. Packaged in an ultra-miniature SOT-363 package, it requires half the board space of a SOT-143 package.

Features
• Integrated, Active Bias Circuit
• Single Positive Supply Voltage (1.5 – 5V)
• Current Adjustable, 1 to 10mA
• 2 dB Noise Figure at 900␣ MHz
• 16 dB Gain at 900 MHz 25 dB Gain at 100 MHz

Applications
• Amplifier Applications for Cellular, Cordless, Special Mobile Radio, PCS, ISM, and Wireless LAN Applications




Similar Part No. - INA-12063

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-10386 HP-INA-10386 Datasheet
51Kb / 4P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-10386-BLK HP-INA-10386-BLK Datasheet
51Kb / 4P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-10386-TR1 HP-INA-10386-TR1 Datasheet
51Kb / 4P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
More results


Similar Description - INA-12063

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2066RBF UMS-CHA2066RBF Datasheet
182Kb / 8P
   10-16GHz Self biased Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAALSS0044 MA-COM-MAALSS0044 Datasheet
160Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
HBH Microwave GmbH
HA1001 HBH-HA1001 Datasheet
17Kb / 1P
   1.0 - 1.5 GHz Low Noise Amplifier
HA1003 HBH-HA1003 Datasheet
25Kb / 2P
   1.5 - 1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAM12021 MA-COM-MAAM12021 Datasheet
172Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
Tyco Electronics
MAAM12021 MACOM-MAAM12021 Datasheet
117Kb / 3P
   Low Noise Amplifier 1.5 - 1.6 GHz
MAALSS0044 MACOM-MAALSS0044 Datasheet
208Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
MAALSS0049 MACOM-MAALSS0049 Datasheet
294Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
MAALSS0027 MACOM-MAALSS0027 Datasheet
288Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
logo
Agilent(Hewlett-Packard...
INA-52063 HP-INA-52063 Datasheet
93Kb / 7P
   1.5 GHz Low Noise Silicon MMIC Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com