Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4838 Datasheet (PDF) - Mitsubishi Electric Semiconductor

2SC4838 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # 2SC4838
Download  2SC4838 Download

File Size   155.44 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)

2SC4838 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4838 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # 2SC4838
Download  2SC4838 Click to download

File Size   155.44 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)

2SC4838 Datasheet (HTML) - Mitsubishi Electric Semiconductor

2SC4838 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor 2SC4838 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor 2SC4838 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor

2SC4838 Product details

DESCRIPTION
2SC4838 is a silicon NPN epitaxial planar type transistor specifically designed for RF power amplifiers in 1.65GHz.

APPLICATION
   For pre-amplifier stage of  50W, 1.65GHz, 28V.




Similar Part No. - 2SC4838

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4830 ISC-2SC4830 Datasheet
246Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC4830 NJSEMI-2SC4830 Datasheet
126Kb / 2P
   Silicon NPN Power Transistor
logo
List of Unclassifed Man...
2SC4831 ETC-2SC4831 Datasheet
78Kb / 1P
   SUPER HIGH SPEED SWITCHING TRANSISTORS
logo
Shindengen Electric Mfg...
2SC4833 SHINDENGEN-2SC4833 Datasheet
418Kb / 9P
   Switching Power Transistor(5A NPN)
logo
Savantic, Inc.
2SC4833 SAVANTIC-2SC4833 Datasheet
223Kb / 3P
   Silicon NPN Power Transistors
More results


Similar Description - 2SC4838

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SC3379 MITSUBISHI-2SC3379 Datasheet
150Kb / 3P
   NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC3020 MITSUBISHI-2SC3020 Datasheet
128Kb / 3P
   NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC2166 MITSUBISHI-2SC2166 Datasheet
130Kb / 3P
   NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC2629 MITSUBISHI-2SC2629 Datasheet
135Kb / 3P
   NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC3019 MITSUBISHI-2SC3019 Datasheet
203Kb / 4P
   NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC4524 MITSUBISHI-2SC4524 Datasheet
202Kb / 4P
   NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC3105 MITSUBISHI-2SC3105 Datasheet
99Kb / 2P
   NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC2539 MITSUBISHI-2SC2539 Datasheet
136Kb / 3P
   NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC2538 MITSUBISHI-2SC2538 Datasheet
203Kb / 3P
   NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC3101 MITSUBISHI-2SC3101 Datasheet
92Kb / 2P
   NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC2540 MITSUBISHI-2SC2540 Datasheet
136Kb / 3P
   NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com