Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N1206A Datasheet (PDF) - GeneSiC Semiconductor, Inc.

1N1206A Datasheet PDF - GeneSiC Semiconductor, Inc.
Part # 1N1206A
Download  1N1206A Download

File Size   741.43 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Silicon Standard Recovery Diode

1N1206A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N1206A Datasheet PDF - GeneSiC Semiconductor, Inc.

Part # 1N1206A
Download  1N1206A Click to download

File Size   741.43 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Silicon Standard Recovery Diode

1N1206A Datasheet (HTML) - GeneSiC Semiconductor, Inc.

1N1206A Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 1N1206A Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 1N1206A Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.

1N1206A Product details

Features
• High Surge Capability
• Types from 50 V to 600 V VRRM
• Not ESD Sensitive




Similar Part No. - 1N1206A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N1206A MICROSEMI-1N1206A Datasheet
106Kb / 2P
   Military Silicon Power Rectifier
logo
Diotec Semiconductor
1N1206A DIOTEC-1N1206A Datasheet
154Kb / 2P
   Silicon-Power Rectifiers
logo
International Rectifier
1N1206A IRF-1N1206A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Microsemi Corporation
1N1206A MICROSEMI-1N1206A Datasheet
129Kb / 2P
   MILITARY SILICON POWER RECTIFIER
logo
Vishay Siliconix
1N1206A VISHAY-1N1206A Datasheet
140Kb / 5P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
More results


Similar Description - 1N1206A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S85JR ETC2-S85JR Datasheet
397Kb / 2P
   Silicon Standard Recovery Diode
logo
GeneSiC Semiconductor, ...
GKN7104 GENESIC-GKN7104 Datasheet
568Kb / 3P
   Silicon Standard Recovery Diode
S16B GENESIC-S16B Datasheet
760Kb / 3P
   Silicon Standard Recovery Diode
S40K GENESIC-S40K Datasheet
584Kb / 3P
   Silicon Standard Recovery Diode
KBU10005 GENESIC-KBU10005 Datasheet
298Kb / 2P
   Silicon Standard Recovery Diode
MSRT15060AD GENESIC-MSRT15060AD Datasheet
408Kb / 3P
   Silicon Standard Recovery Diode
S6B GENESIC-S6B Datasheet
763Kb / 3P
   Silicon Standard Recovery Diode
S12K GENESIC-S12K Datasheet
770Kb / 3P
   Silicon Standard Recovery Diode
S16K GENESIC-S16K Datasheet
761Kb / 3P
   Silicon Standard Recovery Diode
S85B GENESIC-S85B Datasheet
589Kb / 3P
   Silicon Standard Recovery Diode
S85K GENESIC-S85K Datasheet
590Kb / 3P
   Silicon Standard Recovery Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com