Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-29 Datasheet (PDF) - Integrated Circuit Systems

ICS9250-29 Datasheet PDF - Integrated Circuit Systems
Part # ICS9250-29
Download  ICS9250-29 Download

File Size   220.18 Kbytes
Page   15 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for Celeron & PII/III?

ICS9250-29 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9250-29 Datasheet PDF - Integrated Circuit Systems

Part # ICS9250-29
Download  ICS9250-29 Click to download

File Size   220.18 Kbytes
Page   15 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for Celeron & PII/III?

ICS9250-29 Datasheet (HTML) - Integrated Circuit Systems

Back Button ICS9250-29 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 10Page - Integrated Circuit Systems Next Button 

ICS9250-29 Product details

General Description

The ICS9250-29 is a single chip clock solution for Solano type chipset. It provides all necessary clock signals for such a system.

Spread spectrum may be enabled through I2C programming. Spread spectrum typically reduces EMI by 8dB to 10 dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9250-29 employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and temperature variations.



Features:

• Supports spread spectrum modulation, 0 to -0.5% down spread.

• I2C support for power management

• Efficient power management scheme through PD#

• Uses external 14.138 MHz crystal

• Alternate frequency selections available through I2C control.



Output Features:

• 2 CPU (2.5V) (up to 133MHz achievable through I2C)

• 13 SDRAM (3.3V) (up to 133MHz achievable through I2C)

• 5 PCI (3.3 V) @33.3MHz

• 1 IOAPIC (2.5V) @ 33.3 MHz

• 3 Hublink clocks (3.3 V) @ 66.6 MHz

• 2 (3.3V) @ 48 MHz (Non spread spectrum)

• 1 REF (3.3V) @ 14.318 MHz



Recommended Application:

  Solano type chipset.



 




Similar Part No. - ICS9250-29

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-22 ICST-ICS9250-22 Datasheet
106Kb / 11P
   Frequency Generator for P IV?
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
logo
Renesas Technology Corp
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
logo
Integrated Circuit Syst...
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-26 ICST-ICS9250-26 Datasheet
223Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results


Similar Description - ICS9250-29

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-27 ICST-ICS9250-27 Datasheet
248Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-28 ICST-ICS9250-28 Datasheet
198Kb / 17P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com