Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71256SA70 Datasheet (PDF) - Integrated Device Technology

IDT71256SA70 Datasheet PDF - Integrated Device Technology
Part # IDT71256SA70
Download  IDT71256SA70 Download

File Size   62.65 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 256K (32K x 8-BIT)

IDT71256SA70 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT71256SA70 Datasheet PDF - Integrated Device Technology

Part # IDT71256SA70
Download  IDT71256SA70 Click to download

File Size   62.65 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 256K (32K x 8-BIT)

IDT71256SA70 Datasheet (HTML) - Integrated Device Technology

IDT71256SA70 Datasheet HTML 1Page - Integrated Device Technology IDT71256SA70 Datasheet HTML 2Page - Integrated Device Technology IDT71256SA70 Datasheet HTML 3Page - Integrated Device Technology IDT71256SA70 Datasheet HTML 4Page - Integrated Device Technology IDT71256SA70 Datasheet HTML 5Page - Integrated Device Technology IDT71256SA70 Datasheet HTML 6Page - Integrated Device Technology

IDT71256SA70 Product details

DESCRIPTION:
The IDT71256SA is a 262,144-bit medium-speed Static RAM organized as 32K x 8. It is fabricated using IDT’s highperfomance, high-reliability CMOS technology. This state-ofthe-art technology, combined with innovative circuit design techniques, provides a cost-effective solution for your memory needs.

FEATURES:
• 32K x 8 CMOS static RAM
• Equal access and cycle times
    -- Commercial: 70ns
• One Chip Select plus one Output Enable pin
• Bidirectional data inputs and outputs directly TTL-compatible
• Low power consumption via chip deselect
• Available in 28-pin 30 mil Plastic SOJ, 28-pin 300 mil Plastic Dip, 28-pin 300 mil TSOP Type I, and 28-pin 600 mil Plastic Dip.




Similar Part No. - IDT71256SA70

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA IDT-IDT71256SA Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit) Low power consumption via chip deselect
IDT71256SA IDT-IDT71256SA Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA12PZ IDT-IDT71256SA12PZ Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA12T IDT-IDT71256SA12T Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
More results


Similar Description - IDT71256SA70

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S Datasheet
78Kb / 9P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256S IDT-IDT71256S_14 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com