Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7429FCT521ATEB Datasheet (PDF) - Integrated Device Technology

7429FCT521ATEB Datasheet PDF - Integrated Device Technology
Part # 7429FCT521ATEB
Download  7429FCT521ATEB Download

File Size   93.69 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description MULTILEVEL PIPELINE REGISTERS

7429FCT521ATEB Datasheet (PDF)

Go To PDF Page Download Datasheet
7429FCT521ATEB Datasheet PDF - Integrated Device Technology

Part # 7429FCT521ATEB
Download  7429FCT521ATEB Click to download

File Size   93.69 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description MULTILEVEL PIPELINE REGISTERS

7429FCT521ATEB Datasheet (HTML) - Integrated Device Technology

7429FCT521ATEB Datasheet HTML 1Page - Integrated Device Technology 7429FCT521ATEB Datasheet HTML 2Page - Integrated Device Technology 7429FCT521ATEB Datasheet HTML 3Page - Integrated Device Technology 7429FCT521ATEB Datasheet HTML 4Page - Integrated Device Technology 7429FCT521ATEB Datasheet HTML 5Page - Integrated Device Technology 7429FCT521ATEB Datasheet HTML 6Page - Integrated Device Technology 7429FCT521ATEB Datasheet HTML 7Page - Integrated Device Technology

7429FCT521ATEB Product details

DESCRIPTION:

The IDT29FCT520AT/BT/CT/DT and IDT29FCT521AT/BT/CT/DT each contain four 8-bit positive edge-triggered registers. These may be operated as a dual 2-level or as a single 4-level pipeline. A single 8-bit input is provided and any of the four registers is available at the 8-bit, 3-state output.

These devices differ only in the way data is loaded into and between the registers in 2-level operation. The difference is illustrated in Figure 1. In the IDT29FCT520AT/BT/CT/DT when data is entered into the first level (I = 2 or I = 1), the existing data in the first level is moved to the second level. In the IDT29FCT521AT/BT/CT/DT, these instructions simply cause the data in the first level to be overwritten. Transfer of data to the second level is achieved using the 4-level shift instruction (I = 0). This transfer also causes the first level to change. In either part I=3 is for hold.



FEATURES:

• A, B, C and D speed grades

• Low input and output leakage ≤1µA (max.)

• CMOS power levels

• True TTL input and output compatibility

   – VOH = 3.3V (typ.)

   – VOL = 0.3V (typ.)

• High drive outputs (-15mA IOH, 48mA IOL)

• Meets or exceeds JEDEC standard 18 specifications

• Product available in Radiation Tolerant and Radiation Enhanced versions

• Military product compliant to MIL-STD-883, Class B and DESC listed (dual marked)

• Available in DIP, SOIC, SSOP, QSOP, CERPACK and LCC packages



 




Similar Part No. - 7429FCT521ATEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7429FCT52ATD IDT-7429FCT52ATD Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
7429FCT52ATDB IDT-7429FCT52ATDB Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
7429FCT52ATE IDT-7429FCT52ATE Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
7429FCT52ATEB IDT-7429FCT52ATEB Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
7429FCT52ATL IDT-7429FCT52ATL Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
More results


Similar Description - 7429FCT521ATEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
   Multilevel Pipeline Registers
logo
Pericom Semiconductor C...
PI29FCT520T PERICOM-PI29FCT520T Datasheet
56Kb / 5P
   FAST CMOS MULTILEVEL PIPELINE REGISTERS
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
   4 x 8-bit Multilevel Pipeline Register
logo
Texas Instruments
SN74ALS29818 TI1-SN74ALS29818 Datasheet
189Kb / 13P
[Old version datasheet]   8-BIT DIAGNOSTICS/PIPELINE REGISTERS
CY29FCT520T TI1-CY29FCT520T_15 Datasheet
215Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
LOGIC Devices Incorpora...
LPR520 LODEV-LPR520 Datasheet
162Kb / 5P
   4 x 16-bit Multilevel Pipeline Register
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com