Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPTC132LJBN Datasheet (PDF) - List of Unclassifed Manufacturers

PPTC132LJBN Datasheet PDF - List of Unclassifed Manufacturers
Part # PPTC132LJBN
Download  PPTC132LJBN Download

File Size   300.77 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description HEADER FEMALE, 2.54mm CC, 2 ROWS, RA

PPTC132LJBN Datasheet (PDF)

Go To PDF Page Download Datasheet
PPTC132LJBN Datasheet PDF - List of Unclassifed Manufacturers

Part # PPTC132LJBN
Download  PPTC132LJBN Click to download

File Size   300.77 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description HEADER FEMALE, 2.54mm CC, 2 ROWS, RA

PPTC132LJBN Datasheet (HTML) - List of Unclassifed Manufacturers

PPTC132LJBN Datasheet HTML 1Page - List of Unclassifed Manufacturers



Similar Part No. - PPTC132LJBN

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
PPTC130V YINT-PPTC130V Datasheet
437Kb / 3P
   Polymer PTC Resettable 130V Series
More results


Similar Description - PPTC132LJBN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XXXCXXXDXXN-M71RC ETC2-XXXCXXXDXXN-M71RC Datasheet
200Kb / 1P
   HEADER .100PITCH, 2 ROWS, RA
NRPN072PAEN-RC ETC2-NRPN072PAEN-RC Datasheet
304Kb / 1P
   HEADER,MALE 2MM CC, 2 ROWS, ST
PPPC132LFBN ETC2-PPPC132LFBN Datasheet
356Kb / 1P
   HEADER FEMALE, 2.54mm CC, ST
SWR25X-NRTC-SXX-RX-BA ETC2-SWR25X-NRTC-SXX-RX-BA Datasheet
132Kb / 1P
   WAFER 2.54MM CC, 1 ROW, RA/RB
logo
FCI connector
75168 FCI-CONNECTOR-75168 Datasheet
144Kb / 2P
   HEADER SR RA POL 2.54mm
75168-101-02LF FCI-CONNECTOR-75168-101-02LF Datasheet
144Kb / 2P
   HEADER, SR, RA, POL, 2.54mm
logo
Yamaichi Electronics Co...
FGP-1001-0501-2-0FF YAMAICHI-FGP-1001-0501-2-0FF Datasheet
85Kb / 1P
   PC Board Transition Header (2 Rows)
logo
List of Unclassifed Man...
XXXCXXXDXXN-RC ETC2-XXXCXXXDXXN-RC Datasheet
205Kb / 1P
   HEADER .100 PITCH, 2 ROWS, STRAIGHT
XXXCXXSXXN-M71RC ETC2-XXXCXXSXXN-M71RC Datasheet
188Kb / 1P
   HEADER MALE .100ITCH, RA
logo
Bel Fuse Inc.
415-0526-001 BEL-415-0526-001 Datasheet
59Kb / 1P
   CABLE ASSY, SMPM RA FEMALE TO SMPM RA FEMALE, .086" SEMI-RIGID
Rev. 1
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com