Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4005 Datasheet (PDF) - MAKO SEMICONDUCTOR CO.,LIMITED

1N4005 Datasheet PDF - MAKO SEMICONDUCTOR CO.,LIMITED
Part # 1N4005
Download  1N4005 Download

File Size   97.09 Kbytes
Page   2 Pages
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED
Description 1.0 AMP. Surface Mount Rectifiers

1N4005 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4005 Datasheet PDF - MAKO SEMICONDUCTOR CO.,LIMITED

Part # 1N4005
Download  1N4005 Click to download

File Size   97.09 Kbytes
Page   2 Pages
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED
Description 1.0 AMP. Surface Mount Rectifiers

1N4005 Datasheet (HTML) - MAKO SEMICONDUCTOR CO.,LIMITED

1N4005 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED 1N4005 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED

1N4005 Product details

FEATURES
   For surface mounted application
   Glass passivated junction chip.
   Low forward voltage drop
   High current capability
   Easy pick and place
   High surge current capability
   Plastic material used carries Underwriters
   Laboratory Classification 94V-0 260°C / 10 seconds at terminals
   High reliability grade (AEC Q101 qualified)




Similar Part No. - 1N4005

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4005 PANJIT-1N4005 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
WILLAS ELECTRONIC CORP
1N4005 WILLAS-1N4005 Datasheet
262Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
First Silicon Co., Ltd
1N4005 FS-1N4005 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
Taiwan Semiconductor Co...
1N4005 TSC-1N4005 Datasheet
236Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Central Semiconductor C...
1N4005 CENTRAL-1N4005 Datasheet
72Kb / 2P
   AMP SILICON RECTIFIER
More results


Similar Description - 1N4005

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1AL TSC-S1AL Datasheet
49Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
logo
Jinan Gude Electronic D...
GS1A JGD-GS1A Datasheet
149Kb / 2P
   1.0 AMP. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S1AB TSC-S1AB_10 Datasheet
509Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
S1AL TSC-S1AL_1 Datasheet
375Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
S1AS TSC-S1AS Datasheet
577Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4001 MAKOSEMI-1N4001 Datasheet
97Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
1N4002 MAKOSEMI-1N4002 Datasheet
97Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S1AL TSC-S1AL_10 Datasheet
548Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
S1A TSC-S1A_1 Datasheet
132Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
S1AB TSC-S1AB_1 Datasheet
248Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com