Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXE2048WD05 Datasheet (PDF) - TDK Electronics

PXE2048WD05 Datasheet PDF - TDK Electronics
Part # PXE2048WD05
Download  PXE2048WD05 Download

File Size   307.27 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Single and Dual Output 20W to 30W DC-DC Converters

PXE2048WD05 Datasheet (PDF)

Go To PDF Page Download Datasheet
PXE2048WD05 Datasheet PDF - TDK Electronics

Part # PXE2048WD05
Download  PXE2048WD05 Click to download

File Size   307.27 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Single and Dual Output 20W to 30W DC-DC Converters

PXE2048WD05 Datasheet (HTML) - TDK Electronics

PXE2048WD05 Datasheet HTML 1Page - TDK Electronics PXE2048WD05 Datasheet HTML 2Page - TDK Electronics



Similar Part No. - PXE2048WD05

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PXE20-24WD05 TDK-PXE20-24WD05 Datasheet
177Kb / 2P
   DC-DC Converters
May 11, 2022
PXE20-24WD12 TDK-PXE20-24WD12 Datasheet
177Kb / 2P
   DC-DC Converters
May 11, 2022
PXE20-24WD15 TDK-PXE20-24WD15 Datasheet
177Kb / 2P
   DC-DC Converters
May 11, 2022
PXE20-24WS05 TDK-PXE20-24WS05 Datasheet
177Kb / 2P
   DC-DC Converters
May 11, 2022
PXE20-24WS12 TDK-PXE20-24WS12 Datasheet
177Kb / 2P
   DC-DC Converters
May 11, 2022
More results


Similar Description - PXE2048WD05

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
   20W Single and Dual Output DC-DC converters
September 2, 2022 V1
PXD1024WS05 TDK-PXD1024WS05 Datasheet
398Kb / 2P
   Single and Dual Output 10 to 20W DC-DC Converters
PXD3048WS05 TDK-PXD3048WS05 Datasheet
274Kb / 2P
   Single and Dual Output 30W DC-DC Converters
PXD30W TDK-PXD30W_13 Datasheet
274Kb / 2P
   Single and Dual Output 30W DC-DC Converters
PXD30W TDK-PXD30W Datasheet
395Kb / 2P
   Single and Dual Output 30W DC-DC Converters
logo
Murata Manufacturing Co...
BWR-15-670-D12A MURATA-BWR-15-670-D12A Datasheet
161Kb / 6P
   15-20W, Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
TDK Electronics
CC15-2403SFP-E TDK-CC15-2403SFP-E Datasheet
309Kb / 2P
   Ultra Compact, 15W to 30W Single Output DC-DC Converters
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com