Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ71 Datasheet (PDF) - Intersil Corporation

BUZ71 Datasheet PDF - Intersil Corporation
Part # BUZ71
Download  BUZ71 Download

File Size   48.9 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 14A, 50V, 0.100 Ohm, N-Channel Power MOSFET

BUZ71 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ71 Datasheet PDF - Intersil Corporation

Part # BUZ71
Download  BUZ71 Click to download

File Size   48.9 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 14A, 50V, 0.100 Ohm, N-Channel Power MOSFET

BUZ71 Datasheet (HTML) - Intersil Corporation

BUZ71 Datasheet HTML 1Page - Intersil Corporation BUZ71 Datasheet HTML 2Page - Intersil Corporation BUZ71 Datasheet HTML 3Page - Intersil Corporation BUZ71 Datasheet HTML 4Page - Intersil Corporation BUZ71 Datasheet HTML 5Page - Intersil Corporation BUZ71 Datasheet HTML 6Page - Intersil Corporation

BUZ71 Product details

This is an N-Channel enhancement mode silicon gate power field effect transistor designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. This type can be operated directly from integrated circuits.

Features
• 14A, 50V
• rDS(ON) = 0.100Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Similar Part No. - BUZ71

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ71 STMICROELECTRONICS-BUZ71 Datasheet
79Kb / 8P
   N - CHANNEL 50V - 0.085W - 17A TO-220 STripFET] POWER MOSFET
logo
Siemens Semiconductor G...
BUZ71 SIEMENS-BUZ71 Datasheet
130Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Comset Semiconductor
BUZ71 COMSET-BUZ71 Datasheet
106Kb / 3P
   N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
New Jersey Semi-Conduct...
BUZ71 NJSEMI-BUZ71 Datasheet
91Kb / 2P
   Power Field Effect Transistor
logo
List of Unclassifed Man...
BUZ71 ETC2-BUZ71 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results


Similar Description - BUZ71

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFD14N05LSM9A FAIRCHILD-RFD14N05LSM9A Datasheet
214Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD14N05L INTERSIL-RFD14N05L Datasheet
74Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD14N05L FAIRCHILD-RFD14N05L Datasheet
119Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05L FAIRCHILD-RFD14N05L_04 Datasheet
213Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP14N06 INTERSIL-RFP14N06 Datasheet
75Kb / 8P
   14A, 60V, 0.100 Ohm, N-Channel Power MOSFET
IRF130 INTERSIL-IRF130 Datasheet
56Kb / 7P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFET
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
   14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
IRF646 INTERSIL-IRF646 Datasheet
60Kb / 7P
   14A, 275V, 0.280 Ohm, N-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com