Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3059 Datasheet (PDF) - Intersil Corporation

CA3059 Datasheet PDF - Intersil Corporation
Part # CA3059
Download  CA3059 Download

File Size   811.01 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Zero-Voltage Switches for 50Hz-60Hz and 400Hz Thyristor Control Applications

CA3059 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3059 Datasheet PDF - Intersil Corporation

Part # CA3059
Download  CA3059 Click to download

File Size   811.01 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Zero-Voltage Switches for 50Hz-60Hz and 400Hz Thyristor Control Applications

CA3059 Datasheet (HTML) - Intersil Corporation

Back Button CA3059 Datasheet HTML 1Page - Intersil Corporation CA3059 Datasheet HTML 2Page - Intersil Corporation CA3059 Datasheet HTML 3Page - Intersil Corporation CA3059 Datasheet HTML 4Page - Intersil Corporation CA3059 Datasheet HTML 5Page - Intersil Corporation CA3059 Datasheet HTML 6Page - Intersil Corporation CA3059 Datasheet HTML 7Page - Intersil Corporation CA3059 Datasheet HTML 8Page - Intersil Corporation CA3059 Datasheet HTML 9Page - Intersil Corporation CA3059 Datasheet HTML 10Page - Intersil Corporation Next Button 

CA3059 Product details

Description

The CA3059 and CA3079 zero-voltage switches are monolithic silicon integrated circuits designed to control a thyristor in a variety of AC power switching applications for AC input voltages of 24V, 120V, 208/230V, and 277V at 50Hz-60Hz and 400Hz.



Features

•Relay Control

• Valve Control

• Synchronous Switching of Flashing Lights

• On-Off Motor Switching

• Differential Comparator with Self-Contained Power Supply for Industrial Applications

• Photosensitive Control

• Power One-Shot Control

• Heater Control

• Lamp Control




Similar Part No. - CA3059

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
August, 2001 ??Rev. 1
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
   Zero Voltage Switch
August, 2001 ??Rev. 1
CA3059 ONSEMI-CA3059 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
logo
List of Unclassifed Man...
CA3059 ETC2-CA3059 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results


Similar Description - CA3059

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5560 PANASONIC-AN5560 Datasheet
105Kb / 2P
   50Hz and 60Hz Detection IC for TV
logo
MPS Industries, Inc.
P8E2R4VA MPSIND-P8E2R4VA Datasheet
174Kb / 1P
   2.4VA 50Hz/60Hz LINE TRANSFORMER
P8E5VA MPSIND-P8E5VA Datasheet
176Kb / 1P
   5VA 50Hz/60Hz LINE TRANSFORMER
logo
Littelfuse
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com