Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3304 Datasheet (PDF) - Intersil Corporation

CA3304 Datasheet PDF - Intersil Corporation
Part # CA3304
Download  CA3304 Download

File Size   117.39 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Bit, 25 MSPS, Flash A/D Converters

CA3304 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3304 Datasheet PDF - Intersil Corporation

Part # CA3304
Download  CA3304 Click to download

File Size   117.39 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Bit, 25 MSPS, Flash A/D Converters

CA3304 Datasheet (HTML) - Intersil Corporation

Back Button CA3304 Datasheet HTML 1Page - Intersil Corporation CA3304 Datasheet HTML 2Page - Intersil Corporation CA3304 Datasheet HTML 3Page - Intersil Corporation CA3304 Datasheet HTML 4Page - Intersil Corporation CA3304 Datasheet HTML 5Page - Intersil Corporation CA3304 Datasheet HTML 6Page - Intersil Corporation CA3304 Datasheet HTML 7Page - Intersil Corporation CA3304 Datasheet HTML 8Page - Intersil Corporation CA3304 Datasheet HTML 9Page - Intersil Corporation CA3304 Datasheet HTML 10Page - Intersil Corporation Next Button 

CA3304 Product details

Description
The Intersil CA3304 is a CMOS parallel (FLASH) analog-todigital converter designed for applications demanding both low-power consumption and high speed digitization. Digitizing at 25MHz, for example, requires only about 35mW.

Features
• CMOS/SOS Low Power with Video Speed (Typ) . . 25mW
• Parallel Conversion Technique
• Single Power Supply Voltage . . . . . . . . . . . 3V to 7.5V
• 25MHz Sampling Rate (40ns Conversion Time) at 5V Supply
• 4-Bit Latched Three-State Output with Overflow and Data Change Outputs
• 1/8 LSB Maximum Nonlinearity (A Version)
• Inherent Resistance to Latch-Up Due to SOS Process
• Bipolar Input Range with Optional Second Supply
• Wide Input Bandwidth (Typ) . . . . . . . . . . . . . . . . 25MHz

Applications
• High Speed A/D Conversion
• Ultrasound Signature Analysis
• Transient Signal Analysis
• High Energy Physics Research
• General-Purpose Hybrid ADCs
• Optical Character Recognition
• Radar Pulse Analysis
• Motion Signature Analysis
• Robot Vision
• RSSI Circuits




Similar Part No. - CA3304

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3304 INTERSIL-CA3304 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
CA3304A INTERSIL-CA3304A Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
CA3304AD INTERSIL-CA3304AD Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
CA3304AE INTERSIL-CA3304AE Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
CA3304AM INTERSIL-CA3304AM Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
More results


Similar Description - CA3304

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
CA3306 INTERSIL-CA3306 Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
   Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Analog Devices
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
AD9713 AD-AD9713_15 Datasheet
2Mb / 8P
   12 BIT 100 MSPS D/A CONVERTERS
REV. A
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com