Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4047BMS Datasheet (PDF) - Intersil Corporation

CD4047BMS Datasheet PDF - Intersil Corporation
Part # CD4047BMS
Download  CD4047BMS Download

File Size   127.69 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Low-Power Monostable/Astable Multivibrator

CD4047BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4047BMS Datasheet PDF - Intersil Corporation

Part # CD4047BMS
Download  CD4047BMS Click to download

File Size   127.69 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Low-Power Monostable/Astable Multivibrator

CD4047BMS Datasheet (HTML) - Intersil Corporation

Back Button CD4047BMS Datasheet HTML 1Page - Intersil Corporation CD4047BMS Datasheet HTML 2Page - Intersil Corporation CD4047BMS Datasheet HTML 3Page - Intersil Corporation CD4047BMS Datasheet HTML 4Page - Intersil Corporation CD4047BMS Datasheet HTML 5Page - Intersil Corporation CD4047BMS Datasheet HTML 6Page - Intersil Corporation CD4047BMS Datasheet HTML 7Page - Intersil Corporation CD4047BMS Datasheet HTML 8Page - Intersil Corporation CD4047BMS Datasheet HTML 9Page - Intersil Corporation CD4047BMS Datasheet HTML 10Page - Intersil Corporation Next Button 

CD4047BMS Product details

Description

CD4047BMS consists of a gatable astable multivibrator with logic tech niques incorporated to permit positive or negative edge triggered monostable multivibrator action with retriggering and external counting options.



Features

• High Voltage Type (20V Rating)

• Low Power Consumption: Special CMOS Oscillator Configuration

• Monostable (One-Shot) or Astable (Free-Running) Operation

• True and Complemented Buffered Outputs

• Only One External R and C Required

• Buffered Inputs

• 100% Tested for Quiescent Current at 20V

• Standardized, Symmetrical Output Characteristics

• 5V, 10V and 15V Parametric Ratings

• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”




Similar Part No. - CD4047BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4047BM TI-CD4047BM Datasheet
508Kb / 15P
[Old version datasheet]   CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
National Semiconductor ...
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
logo
Texas Instruments
CD4047BM TI1-CD4047BM Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Low-Power Monostable/Astable Multivibrator
CD4047BM TI1-CD4047BM Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Low-Power Monostable/Astable Multivibrator
More results


Similar Description - CD4047BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4047B TI-CD4047B Datasheet
508Kb / 15P
[Old version datasheet]   CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
CD4047B TI1-CD4047B_15 Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Low-Power Monostable/Astable Multivibrator
CD4047BNSRE4 TI1-CD4047BNSRE4 Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Low-Power Monostable/Astable Multivibrator
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC_02 Datasheet
94Kb / 9P
   Low Power Monostable/Astable Multivibrator
logo
National Semiconductor ...
CD4047BC NSC-CD4047BC Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
logo
STMicroelectronics
HCF4047B STMICROELECTRONICS-HCF4047B Datasheet
799Kb / 12P
   LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Micro Electronics
MMC4047 MICRO-ELECTRONICS-MMC4047 Datasheet
240Kb / 6P
   LOW POWER MONOSTABLE ASTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC Datasheet
85Kb / 9P
   Low Power Monostable/Astable Multivibrator
logo
Nexperia B.V. All right...
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com