Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4556 Datasheet (PDF) - Intersil Corporation

CD4556 Datasheet PDF - Intersil Corporation
Part # CD4556
Download  CD4556 Download

File Size   96.41 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers

CD4556 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4556 Datasheet PDF - Intersil Corporation

Part # CD4556
Download  CD4556 Click to download

File Size   96.41 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers

CD4556 Datasheet (HTML) - Intersil Corporation

Back Button CD4556 Datasheet HTML 1Page - Intersil Corporation CD4556 Datasheet HTML 2Page - Intersil Corporation CD4556 Datasheet HTML 3Page - Intersil Corporation CD4556 Datasheet HTML 4Page - Intersil Corporation CD4556 Datasheet HTML 5Page - Intersil Corporation CD4556 Datasheet HTML 6Page - Intersil Corporation CD4556 Datasheet HTML 7Page - Intersil Corporation CD4556 Datasheet HTML 8Page - Intersil Corporation CD4556 Datasheet HTML 9Page - Intersil Corporation CD4556 Datasheet HTML 10Page - Intersil Corporation Next Button 

CD4556 Product details

Description

CD4555BMS and CD4556BMS are dual one-of-four decod ers/demultiplexers. Each decoder has two select inputs (A and B), an Enable input (E), and four mutually exclusive out puts. On the CD4555BMS the outputs are high on select; on the CD4556BMS the outputs are low on select.

When the Enable input is high, the outputs of the CD4555BMS remain low and the outputs of the

CD4556BMS remain high regardless of the state of the select inputs A and B. The CD4555BMS and CD4556BMS are similar to types MC14555 and MC14556, respectively.



Features

• High Voltage Type (20V Rating)

• CD4555BMS: Outputs High on Select

• CD4556BMS: Outputs Low on Select

• Expandable with Multiple Packages

• 100% Tested for Quiescent Current at 20V

• Standardized, Symmetrical Output Characteristics

• Maximum Input Current of 1µA at 18V Over Full Pack age Temperature Range; 100nA at 18V and +25oC

• Noise Margin (Over Full Package/Temperature Range)

  - 1V at VDD = 5V

  - 2V at VDD = 10V

  - 2.5V at VDD = 15V

• 5V, 10V and 15V Parametric Ratings

• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”



Applications

• Decoding

• Code Conversion

• Demultiplexing (Using Enable Input as a Data Input

• Memory Chip-Enable Selection

• Function Selection




Similar Part No. - CD4556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4556B TI-CD4556B Datasheet
267Kb / 13P
[Old version datasheet]   CMOS DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
CD4556B TI1-CD4556B Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4556B-MIL TI1-CD4556B-MIL Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4556BE TI-CD4556BE Datasheet
267Kb / 13P
[Old version datasheet]   CMOS DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
CD4556BE TI1-CD4556BE Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
More results


Similar Description - CD4556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4555B TI1-CD4555B_15 Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4555BPWRG4 TI1-CD4555BPWRG4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4555B TI-CD4555B Datasheet
267Kb / 13P
[Old version datasheet]   CMOS DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
logo
STMicroelectronics
HCC4555B STMICROELECTRONICS-HCC4555B Datasheet
316Kb / 14P
   DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
logo
Renesas Technology Corp
CD4555BMS RENESAS-CD4555BMS Datasheet
412Kb / 11P
   CMOS Dual Binary to 1 of 4Decoder/Demultiplexers
December 1992
logo
Motorola, Inc
MC14555B MOTOROLA-MC14555B Datasheet
164Kb / 5P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B Datasheet
142Kb / 8P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14555B HITACHI-HD14555B Datasheet
63Kb / 4P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B_14 Datasheet
110Kb / 6P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
July, 2014 ??Rev. 11
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
   Dual Binary to 1-4 Decoder(Low)
1996 REV 5
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com