Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS74T Datasheet (PDF) - Intersil Corporation

HCS74T Datasheet PDF - Intersil Corporation
Part # HCS74T
Download  HCS74T Download

File Size   124.32 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual-D Flip-Flop with Set and Reset

HCS74T Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS74T Datasheet PDF - Intersil Corporation

Part # HCS74T
Download  HCS74T Click to download

File Size   124.32 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual-D Flip-Flop with Set and Reset

HCS74T Datasheet (HTML) - Intersil Corporation

HCS74T Datasheet HTML 1Page - Intersil Corporation HCS74T Datasheet HTML 2Page - Intersil Corporation HCS74T Datasheet HTML 3Page - Intersil Corporation

HCS74T Product details

Intersil’s Satellite Applications FlowTM (SAF) devices are fully tested and guaranteed to 100kRAD total dose. These QML Class T devices are processed to a standard flow intended to meet the cost and shorter lead-time needs of large volume satellite manufacturers, while maintaining a high level of reliability.

Features
• QML Class T, Per MIL-PRF-38535
• Radiation Performance
    - Gamma Dose (γ) 1 x 105 RAD(Si)
    - Latch-Up Free Under Any Conditions, SOS Process
    - SEP Effective LET No Upsets: >100 MEV-cm2/mg
    - Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• 3 Micron Radiation Hardened SOS CMOS
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
    - VIL = 30% of VCC Max
    - VIH = 70% of VCC Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCS74T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS74D INTERSIL-HCS74D Datasheet
175Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
logo
Renesas Technology Corp
HCS74D RENESAS-HCS74D Datasheet
407Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
logo
Intersil Corporation
HCS74DMSR INTERSIL-HCS74DMSR Datasheet
175Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
logo
Renesas Technology Corp
HCS74DMSR RENESAS-HCS74DMSR Datasheet
407Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
logo
Intersil Corporation
HCS74HMSR INTERSIL-HCS74HMSR Datasheet
175Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
More results


Similar Description - HCS74T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS74MS INTERSIL-HCS74MS Datasheet
175Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
ACTS74MS INTERSIL-ACTS74MS Datasheet
115Kb / 3P
   Radiation Hardened Dual D Flip Flop with Set and Reset
logo
Renesas Technology Corp
ACTS74MS RENESAS-ACTS74MS Datasheet
125Kb / 3P
   Radiation Hardened Dual D Flip Flop with Set and Reset
January 1996
HCTS74MS RENESAS-HCTS74MS Datasheet
407Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCS74MS RENESAS-HCS74MS Datasheet
407Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
logo
Intersil Corporation
HCTS74T INTERSIL-HCTS74T Datasheet
124Kb / 3P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
HCTS74MS INTERSIL-HCTS74MS Datasheet
176Kb / 10P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
ACS109MS INTERSIL-ACS109MS Datasheet
39Kb / 2P
   Radiation Hardened Dual J-K Flip-Flop with Set and Reset
July 1999
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com