Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTG20N60A4D Datasheet (PDF) - Intersil Corporation

HGTG20N60A4D Datasheet PDF - Intersil Corporation
Part # HGTG20N60A4D
Download  HGTG20N60A4D Download

File Size   351.72 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGTG20N60A4D Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTG20N60A4D Datasheet PDF - Intersil Corporation

Part # HGTG20N60A4D
Download  HGTG20N60A4D Click to download

File Size   351.72 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGTG20N60A4D Datasheet (HTML) - Intersil Corporation

HGTG20N60A4D Datasheet HTML 1Page - Intersil Corporation HGTG20N60A4D Datasheet HTML 2Page - Intersil Corporation HGTG20N60A4D Datasheet HTML 3Page - Intersil Corporation HGTG20N60A4D Datasheet HTML 4Page - Intersil Corporation HGTG20N60A4D Datasheet HTML 5Page - Intersil Corporation HGTG20N60A4D Datasheet HTML 6Page - Intersil Corporation HGTG20N60A4D Datasheet HTML 7Page - Intersil Corporation HGTG20N60A4D Datasheet HTML 8Page - Intersil Corporation HGTG20N60A4D Datasheet HTML 9Page - Intersil Corporation

HGTG20N60A4D Product details

The HGTG20N60A4D is a MOS gated high voltage switching device combining the best features of MOSFETs and bipolar transistors. This device has the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only moderately between 25oC and 150oC. The IGBT used is the development type TA49339. The diode used in anti-parallel is the development type TA49372.

Features
• >100kHz Operation At 390V, 20A
• 200kHz Operation At 390V, 12A
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . . 55ns at TJ = 125°C
• Low Conduction Loss
• Temperature Compensating SABER™ Model www.intersil.com




Similar Part No. - HGTG20N60A4D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
157Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
ON Semiconductor
HGTG20N60A4D ONSEMI-HGTG20N60A4D Datasheet
388Kb / 10P
   SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600 V
April, 2020 - Rev. 3
logo
Inchange Semiconductor ...
HGTG20N60A4D ISC-HGTG20N60A4D Datasheet
367Kb / 3P
   IGBT
2023-8-30
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D_09 Datasheet
157Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Similar Description - HGTG20N60A4D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGTG30N60A4D INTERSIL-HGTG30N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com