Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTG5N120CND Datasheet (PDF) - Intersil Corporation

HGTG5N120CND Datasheet PDF - Intersil Corporation
Part # HGTG5N120CND
Download  HGTG5N120CND Download

File Size   87.09 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 25A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGTG5N120CND Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTG5N120CND Datasheet PDF - Intersil Corporation

Part # HGTG5N120CND
Download  HGTG5N120CND Click to download

File Size   87.09 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 25A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGTG5N120CND Datasheet (HTML) - Intersil Corporation

HGTG5N120CND Datasheet HTML 1Page - Intersil Corporation HGTG5N120CND Datasheet HTML 2Page - Intersil Corporation HGTG5N120CND Datasheet HTML 3Page - Intersil Corporation HGTG5N120CND Datasheet HTML 4Page - Intersil Corporation HGTG5N120CND Datasheet HTML 5Page - Intersil Corporation HGTG5N120CND Datasheet HTML 6Page - Intersil Corporation HGTG5N120CND Datasheet HTML 7Page - Intersil Corporation

HGTG5N120CND Product details

The HGTG5N120CND, HGTP5N120CND and HGT1S5N120CNDS are Non-Punch Through (NPT) IGBT designs. They are new members of the MOS gated high voltage switching IGBT family. IGBTs combine the best features of MOSFETs and bipolar transistors. This device has the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The IGBT used is developmental type TA49309. The diode used in anti-parallel is developmental type TA49058.

Features
• 25A, 1200V, TC = 25°C
• 1200V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . 350ns at TJ = 150°C
• Short Circuit Rating
• Low Conduction Loss
• Temperature Compensating SABER™ Model
    Thermal Impedance SPICE Model www.intersil.com
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - HGTG5N120CND

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG5N120BND FAIRCHILD-HGTG5N120BND Datasheet
216Kb / 8P
   21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG5N120BND INTERSIL-HGTG5N120BND Datasheet
89Kb / 7P
   21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
January 2000
More results


Similar Description - HGTG5N120CND

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG10N120BND INTERSIL-HGTG10N120BND Datasheet
82Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N120CND INTERSIL-HGTG20N120CND Datasheet
93Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG18N120BND FAIRCHILD-HGTG18N120BND_07 Datasheet
1Mb / 8P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG11N120CND INTERSIL-HGTG11N120CND Datasheet
82Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG10N120BND FAIRCHILD-HGTG10N120BND Datasheet
110Kb / 8P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG20N120CND FAIRCHILD-HGTG20N120CND Datasheet
121Kb / 8P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG18N120BND INTERSIL-HGTG18N120BND Datasheet
95Kb / 7P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP2N120BND INTERSIL-HGTP2N120BND Datasheet
87Kb / 7P
   12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120BND INTERSIL-HGTP1N120BND Datasheet
75Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120CND INTERSIL-HGTP1N120CND Datasheet
80Kb / 7P
   6.2A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com