Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5762 Datasheet (PDF) - Intersil Corporation

HI5762 Datasheet PDF - Intersil Corporation
Part # HI5762
Download  HI5762 Download

File Size   133.02 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference

HI5762 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5762 Datasheet PDF - Intersil Corporation

Part # HI5762
Download  HI5762 Click to download

File Size   133.02 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference

HI5762 Datasheet (HTML) - Intersil Corporation

Back Button HI5762 Datasheet HTML 1Page - Intersil Corporation HI5762 Datasheet HTML 2Page - Intersil Corporation HI5762 Datasheet HTML 3Page - Intersil Corporation HI5762 Datasheet HTML 4Page - Intersil Corporation HI5762 Datasheet HTML 5Page - Intersil Corporation HI5762 Datasheet HTML 6Page - Intersil Corporation HI5762 Datasheet HTML 7Page - Intersil Corporation HI5762 Datasheet HTML 8Page - Intersil Corporation HI5762 Datasheet HTML 9Page - Intersil Corporation HI5762 Datasheet HTML 10Page - Intersil Corporation Next Button 

HI5762 Product details

The HI5762 is a monolithic, dual 10-bit, 60MSPS analog-to-digital converter fabricated in an advanced CMOS process. It is designed for high speed applications where integration, bandwidth and accuracy are essential.

Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 60MSPS
• 8.8 Bits at fIN = 10MHz
• Low Power at 60MSPS . . . . . . . . . . . . . . . . . . . . 650mW
• Wide Full Power Input Bandwidth . . . . . . . . . . . . 250MHz
• Excellent Channel-to-Channel Isolation . . . . . . . . . .>75dB
• On-Chip Sample and Hold Amplifiers
• Internal Band-Gap Voltage Reference . . . . . . . . . . . . 2.5V
• Fully Differential or Single-Ended Analog Inputs
• Single Supply Voltage Operation . . . . . . . . . . . . . . . . .+5V
• TTL/CMOS Compatible Sampling Clock Input
• CMOS Compatible Digital Outputs. . . . . . . . . . . 3.0V/5.0V
• Offset Binary Digital Data Output Format
• Dual 10-Bit A/D Converters on a Monolithic Chip

Applications
• Wireless Local Loop
• PSK and QAM I&Q Demodulators
• Medical Imaging
• High Speed Data Acquisition




Similar Part No. - HI5762

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5762 INTERSIL-HI5762 Datasheet
291Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762 Datasheet
286Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5762 RENESAS-HI5762 Datasheet
745Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762/6IN RENESAS-HI5762/6IN Datasheet
745Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762/6INZ RENESAS-HI5762/6INZ Datasheet
745Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
More results


Similar Description - HI5762

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI57626INZ INTERSIL-HI57626INZ Datasheet
286Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5762 RENESAS-HI5762 Datasheet
745Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
HI5662 INTERSIL-HI5662 Datasheet
130Kb / 14P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
logo
Renesas Technology Corp
HI5662 RENESAS-HI5662 Datasheet
693Kb / 15P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5667 RENESAS-HI5667 Datasheet
612Kb / 11P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
logo
Intersil Corporation
HI5667 INTERSIL-HI5667 Datasheet
262Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5767 INTERSIL-HI5767_05 Datasheet
841Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5767 RENESAS-HI5767 Datasheet
719Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
HI5667 INTERSIL-HI5667 Datasheet
252Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com