Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB1K6N06KS6R Datasheet (PDF) - Cystech Electonics Corp.

MTB1K6N06KS6R Datasheet PDF - Cystech Electonics Corp.
Part # MTB1K6N06KS6R
Download  MTB1K6N06KS6R Download

File Size   308.24 Kbytes
Page   10 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description 200mA Sychronous Rectifier featuring N-MOSFET and Schottky Diode

MTB1K6N06KS6R Datasheet (PDF)

Go To PDF Page Download Datasheet
MTB1K6N06KS6R Datasheet PDF - Cystech Electonics Corp.

Part # MTB1K6N06KS6R
Download  MTB1K6N06KS6R Click to download

File Size   308.24 Kbytes
Page   10 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description 200mA Sychronous Rectifier featuring N-MOSFET and Schottky Diode

MTB1K6N06KS6R Datasheet (HTML) - Cystech Electonics Corp.

MTB1K6N06KS6R Datasheet HTML 1Page - Cystech Electonics Corp. MTB1K6N06KS6R Datasheet HTML 2Page - Cystech Electonics Corp. MTB1K6N06KS6R Datasheet HTML 3Page - Cystech Electonics Corp. MTB1K6N06KS6R Datasheet HTML 4Page - Cystech Electonics Corp. MTB1K6N06KS6R Datasheet HTML 5Page - Cystech Electonics Corp. MTB1K6N06KS6R Datasheet HTML 6Page - Cystech Electonics Corp. MTB1K6N06KS6R Datasheet HTML 7Page - Cystech Electonics Corp. MTB1K6N06KS6R Datasheet HTML 8Page - Cystech Electonics Corp. MTB1K6N06KS6R Datasheet HTML 9Page - Cystech Electonics Corp. MTB1K6N06KS6R Datasheet HTML 10Page - Cystech Electonics Corp.

MTB1K6N06KS6R Product details

Features
• N-MOS with ESD Gate Protection
• N-MOS with Low On-Resistance
• Low VF Schottky Diode
• Low Static, Switching and Conduction Losses
• Pb-free lead plating and halogen-free package




Similar Part No. - MTB1K6N06KS6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB1K0A20KQ8 CYSTEKEC-MTB1K0A20KQ8 Datasheet
459Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB1K0N20KL3 CYSTEKEC-MTB1K0N20KL3 Datasheet
415Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB1K0N20KL3-0-T3-G CYSTEKEC-MTB1K0N20KL3-0-T3-G Datasheet
415Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB1K0P25J3 CYSTEKEC-MTB1K0P25J3 Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB1K8N25N3 CYSTEKEC-MTB1K8N25N3 Datasheet
651Kb / 9P
   250V N-Channel Enhancement Mode MOSFET
More results


Similar Description - MTB1K6N06KS6R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NMSD200B01 DIODES-NMSD200B01 Datasheet
177Kb / 8P
   200 mA SYNCHRONOUS RECTIFIER FEATURING N-MOSFET AND SCHOTTKY DIODE
DS30911 Rev. 2 - 2
logo
Sanyo Semicon Device
SS0203EJ SANYO-SS0203EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 200mA Rectifier
SB0203EJ SANYO-SB0203EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 200mA Rectifier
logo
Silicon Supplies
BAT54 SS-BAT54 Datasheet
1Mb / 3P
   30V 200mA Schottky Diode
Rev 1.1 13/07/23
logo
Jiangsu Changjiang Elec...
CJ7203KDW JIANGSU-CJ7203KDW Datasheet
987Kb / 6P
   N-channel MOSFET and Schottky Barrier Diode
logo
TAITRON Components Inco...
TSCD022WT TAITRON-TSCD022WT Datasheet
243Kb / 4P
   200mA Low Profile Chip Schottky Rectifier
logo
Torex Semiconductor
XBS024S15 TOREX-XBS024S15 Datasheet
72Kb / 3P
   Schottky Barrier Diode, 200mA, 40V Type
XBS023P11R-G TOREX-XBS023P11R-G Datasheet
225Kb / 5P
   Schottky Barrier Diode, 200mA, 30V Type
logo
TAITRON Components Inco...
TSCD022WUR TAITRON-TSCD022WUR Datasheet
204Kb / 3P
   200mA Low Profile Chip Schottky Rectifier
logo
Torex Semiconductor
XBS024S15-12 TOREX-XBS024S15-12 Datasheet
94Kb / 3P
   Schottky Barrier Diode, 200mA, 40V Type
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com