Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF75321D3 Datasheet (PDF) - Intersil Corporation

HUF75321D3 Datasheet PDF - Intersil Corporation
Part # HUF75321D3
Download  HUF75321D3 Download

File Size   129.52 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs

HUF75321D3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HUF75321D3 Datasheet PDF - Intersil Corporation

Part # HUF75321D3
Download  HUF75321D3 Click to download

File Size   129.52 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs

HUF75321D3 Datasheet (HTML) - Intersil Corporation

HUF75321D3 Datasheet HTML 1Page - Intersil Corporation HUF75321D3 Datasheet HTML 2Page - Intersil Corporation HUF75321D3 Datasheet HTML 3Page - Intersil Corporation HUF75321D3 Datasheet HTML 4Page - Intersil Corporation HUF75321D3 Datasheet HTML 5Page - Intersil Corporation HUF75321D3 Datasheet HTML 6Page - Intersil Corporation HUF75321D3 Datasheet HTML 7Page - Intersil Corporation HUF75321D3 Datasheet HTML 8Page - Intersil Corporation HUF75321D3 Datasheet HTML 9Page - Intersil Corporation

HUF75321D3 Product details

These N-Channel power MOSFETs are manufactured using the innovative UltraFET™ process. This advanced process technology achieves the lowest possible on-resistance per silicon area, resulting in outstanding performance. This device is capable of withstanding high energy in the avalanche mode and the diode exhibits very low reverse recovery time and stored charge. It was designed for use in applications where power efficiency is important, such as switching regulators, switching converters, motor drivers, relay drivers, lowvoltage bus switches, and power management in portable and battery-operated products.

Features
• 20A, 55V
• Simulation Models
    - Temperature Compensating PSPICE® and SABER© Models
    - Thermal Impedance SPICE and SABER Models Available on the WEB at: www.semi.Intersil.com/families/models.htm
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
    - TB334, “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - HUF75321D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75321D3 FAIRCHILD-HUF75321D3 Datasheet
226Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
HUF75321D3S FAIRCHILD-HUF75321D3S Datasheet
226Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
HUF75321D3ST FAIRCHILD-HUF75321D3ST Datasheet
836Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
logo
VBsemi Electronics Co.,...
HUF75321D3ST VBSEMI-HUF75321D3ST Datasheet
988Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
More results


Similar Description - HUF75321D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75321D3 FAIRCHILD-HUF75321D3 Datasheet
226Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
HUF75321D3ST FAIRCHILD-HUF75321D3ST Datasheet
836Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75321D3 FAIRCHILD-HUFA75321D3 Datasheet
226Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
HUF75329D3 FAIRCHILD-HUF75329D3 Datasheet
225Kb / 10P
   20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75329D3 INTERSIL-HUF75329D3 Datasheet
127Kb / 9P
   20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75329D3 FAIRCHILD-HUFA75329D3 Datasheet
311Kb / 10P
   20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com