Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF75339G3 Datasheet (PDF) - Intersil Corporation

HUF75339G3 Datasheet PDF - Intersil Corporation
Part # HUF75339G3
Download  HUF75339G3 Download

File Size   108.19 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs

HUF75339G3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HUF75339G3 Datasheet PDF - Intersil Corporation

Part # HUF75339G3
Download  HUF75339G3 Click to download

File Size   108.19 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs

HUF75339G3 Datasheet (HTML) - Intersil Corporation

HUF75339G3 Datasheet HTML 1Page - Intersil Corporation HUF75339G3 Datasheet HTML 2Page - Intersil Corporation HUF75339G3 Datasheet HTML 3Page - Intersil Corporation HUF75339G3 Datasheet HTML 4Page - Intersil Corporation HUF75339G3 Datasheet HTML 5Page - Intersil Corporation HUF75339G3 Datasheet HTML 6Page - Intersil Corporation HUF75339G3 Datasheet HTML 7Page - Intersil Corporation HUF75339G3 Datasheet HTML 8Page - Intersil Corporation HUF75339G3 Datasheet HTML 9Page - Intersil Corporation

HUF75339G3 Product details

75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs



These N-Channel power MOSFETs are manufactured using the innovative UltraFET™ process. This advanced process technology achieves the lowest possible on-resistance per silicon area, resulting in outstanding performance. This device is capable of withstanding high energy in the avalanche mode and the diode exhibits very low reverse recovery time and stored charge.



Features

• 75A, 55V

• Simulation Models

- Temperature Compensated PSPICE® and SABER© Models

- SPICE and SABER Thermal Impedance Models Available on the WEB at: www.Intersil.com/families/models.htm

• Peak Current vs Pulse Width Curve

• UIS Rating Curve

• Related Literature

- TB334, “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - HUF75339G3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75339G3 FAIRCHILD-HUF75339G3 Datasheet
292Kb / 9P
   75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs
More results


Similar Description - HUF75339G3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75339G3 FAIRCHILD-HUF75339G3 Datasheet
292Kb / 9P
   75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75339G3 FAIRCHILD-HUFA75339G3 Datasheet
228Kb / 10P
   75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUF75337G3 FAIRCHILD-HUF75337G3 Datasheet
226Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUF75343G3 FAIRCHILD-HUF75343G3 Datasheet
283Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUF75345G3 FAIRCHILD-HUF75345G3 Datasheet
286Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75343G3 FAIRCHILD-HUFA75343G3 Datasheet
209Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3_04 Datasheet
323Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com